Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CROSSTALK, DUT_ DRIVEN BY
DLV_ WITH DTV_ VARIED
VDTV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
-20
-40
-60
-80
0
20
40
60
80
-100
100
VDHV_ = 3V
VDLV_ = 0
NORMALIZED AT VDTV_ = 1.5V
CROSSTALK, DUT_ DRIVEN BY
DTV_ WITH DHV_ VARIED
VDHV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
-20
-40
-60
-80
0
20
40
60
80
-100
100
VDTV_ = +1.5V
VDLV_ = -1.5V
NORMALIZED AT VDHV_ = 3V
CROSSTALK, DUT_ DRIVEN BY
DTV_ WITH DLV_ VARIED
VDLV_ (V)
1.5
0.5
-0.5
4.5
3.5
2.5
-1.5
-2.5
5.5
-20
-40
-60
-80
0
20
40
60
80
-100
100
VDHV_ = 3V
VDTV_ = 1.5V
NORMALIZED AT VDLV_ = 0
DRIVER GAIN vs. TEMPERATURE
NORMALIZED AT TJ = +85
°C
TEMPERATURE (
°C)
70
80
60
90
1.0000
1.0002
0.9998
1.0006
1.0004
1.0008
0.9996
50
100
DRIVER OFFSET vs. TEMPERATURE
NORMALIZED AT TJ = +85
°C
TEMPERATURE (
°C)
70
80
60
90
1
2
-1
0
-2
4
3
5
-3
50
100
COMPARATOR RESPONSE TO
0 TO 3V SIGNAL
VCHV_ = VCLV_ = 1.5V, RL = 50
Ω
VCOMPHI = 1V, VCOMPLO = 0
t = 2.0ns/div
COMPARATOR OFFSET
vs. COMMON-MODE VOLTAGE
NORMALIZED AT VCM = 1.5V
OTHER COMPARATOR REFERENCE = -2.5V
COMMON-MODE VOLTAGE (V)
-0.5
0.5
-1.5
1.5
2.5
3.5
4.5
0
0.05
-0.10
-0.05
-0.15
-0.25
-0.20
-0.30
0.15
0.10
0.20
-0.35
-2.5
5.5
-400
-300
-200
-100
0
100
200
300
400
0
20406080
100
COMPARATOR WAVEFORM TRACKING
REFERENCE LEVEL (%)
NORMALIZED AT 50% REFERENCE
VDUT_ = 0 TO 1V PULSE
VDUT_ FALLING
VDUT_ RISING
-150
-110
-130
-70
-90
-30
-50
-10
30
10
50
1
345
2
6789
10
COMPARATOR TIMING VARIATION
vs. PULSE WIDTH
PULSE WIDTH (ns)
NORMALIZED AT PW = 10ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com