Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9972ACCS Datasheet HTML 1Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 2Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 3Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 4Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX9972 four-channel, ultra-low-power, pin-elec-
tronics IC includes, for each channel, a three-level pin
driver, a window comparator, a passive load, and
force-and-sense Kelvin-switched parametric measure-
ment unit (PMU) connections. The driver features a
-2.2V to +5.2V voltage range, includes high-impedance
and active-termination (3rd-level drive) modes, and is
highly linear even at low voltage swings. The window
comparator features 500MHz equivalent input band-
width and programmable output voltage levels. The
passive load provides pullup and pulldown voltages to
the device-under-test (DUT).
Two grade versions are available, A grade and B grade.
The A-grade version provides tight gain and offset match-
ing for the driver and comparator, allowing reference lev-
els to be shared across multiple channels. It also
provides tighter tolerance of the load resistance values.
The B-grade version is for system designs that incorpo-
rate independent reference levels for each channel.
Low-leakage, high-impedance, and terminate controls
are operational configurations that are programmed
through a 3-wire, low-voltage, CMOS-compatible serial
interface. High-speed PMU switching is realized through
dedicated digital control inputs.
This device is available in an 80-pin, 12mm x 12mm
body, 1.0mm pitch TQFP with an exposed 6mm x 6mm
die pad on the bottom of the package for efficient heat
removal. The MAX9972 is specified to operate over the
0°C to +70°C commercial temperature range, and fea-
tures a die temperature monitor output.
Features
♦ Small Footprint—Four Channels in 0.3in2
♦ Low-Power Dissipation: 325mW/Channel (typ)
♦ High Speed: 300Mbps at 3VP-P
♦ -2.2V to +5.2V Operating Range
♦ Active Termination (3rd-Level Drive)
♦ Integrated PMU Switches
♦ Passive Load
♦ Low-Leak Mode: 20nA (max)
♦ Low Gain and Offset Error
♦ Lead(Pb)-Free Package Available
Applications
NAND Flash Testers
DRAM Probe Testers
Low-Cost Mixed-Signal/System-on-Chip (SoC)
Testers
Active Burn-In Systems
Structural Testers
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
________________________________________________________________
Maxim Integrated Products
1
PART
ACCURACY GRADE
PIN-PACKAGE
HEAT EXTRACTION
MAX9972ACCS
A
80 TQFP-EP*
Bottom
MAX9972BCCS
B
80 TQFP-EP*
Bottom
Ordering Information and Selector Guide
19-0474; Rev 1; 7/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
Note: All devices are specified over the 0°C to +70°C operating temperature range.
All versions available in both leaded and lead(Pb)-free packaging. Specify lead(Pb)-free by adding the “+” symbol at the end of the
part number when ordering.
*
EP = Exposed pad.


Similar Part No. - MAX9972ACCS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9972ACCS MAXIM-MAX9972ACCS Datasheet
431Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
More results

Similar Description - MAX9972ACCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
Maxim Integrated Produc...
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Maxim Integrated Produc...
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com