Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 5Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 6Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 7Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 8Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 9Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 10Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 11Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
_______________________________________________________________________________________
9
t = 2.0ns/div
0
DRIVER SMALL-
SIGNAL RESPONSE
VDLV_ = 0
RL = 50
Ω
VDHV_ = 500mV
VDHV_ = 100mV
VDHV_ = 200mV
t = 2.0ns/div
0
DRIVER LARGE-
SIGNAL RESPONSE
VDLV_ = 0
RL = 50
Ω
VDHV_ = 3V
VDHV_ = 1V
t = 2.0ns/div
0
DRIVER LARGE-
SIGNAL RESPONSE INTO 500
Ω
VDLV_ = 0
RL = 500
Ω
CL = 0.1pF
VDHV_ = 3V
VDHV_ = 1V
4.5ns CABLE
t = 2ns/div
0
DRIVER 1VP-P, 150Mbps
SIGNAL RESPONSE
VDLV_ = 0
VDHV_ = 1V
RL = 50
Ω
t = 1ns/div
0
DRIVER 1VP-P, 400Mbps
SIGNAL RESPONSE
VDLV_ = 0
VDHV_ = 1V
RL = 50
Ω
t = 2.5ns/div
0
DRIVER 3VP-P, 100Mbps
SIGNAL RESPONSE
VDLV_ = 0
VDHV_ = 3V
RL = 50
Ω
t = 1.25ns/div
0
DRIVER 3VP-P, 250Mbps
SIGNAL RESPONSE
VDLV_ = 0
VDHV_ = 3V
RL = 50
Ω
DRIVER DC CURRENT-LIMIT
AND OVERVOLTAGE RESPONSE
VDHV_ = 1.5V
VDUT_ (V)
6
3
0
-3
-80
-60
-40
-20
0
20
40
60
80
100
-100
-6
9
-300
-200
-250
-100
-150
0
-50
50
37
59
11
48
610
12 13
DRIVER 3V TRAILING-EDGE
TIMING ERROR vs. PULSE WIDTH
PULSE WIDTH (ns)
NORMALIZED AT PW = 12.5ns,
PERIOD = 25ns, VDHV_ = 3V, VDLV_ = 0
NEGATIVE PULSE
POSITIVE PULSE
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com