Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 12Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 18Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 19Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
16
______________________________________________________________________________________
MAX9972
BUFFER
HIGH-IMPEDANCE
LOGIC
HIGH IMPEDANCE
LLEAK
LOAD EN
HIGH
PMU_
0
0
0
0
DUT_
TERM
MULTIPLEXER
ONE OF FOUR IDENTICAL CHANNELS SHOWN
50
Ω
7.5k
Ω
SEE
TABLE 3
2.0k
Ω
LOAD EN
LOW
SERIAL
INTERFACE
30
Ω
FORCE EN
1k
Ω
SENSE EN
TERM
COMMON TO ALL FOUR CHANNELS
LLEAK
SENSE EN
FORCE EN
LOAD EN LOW
CS
COMPLO
COMPHI
SENSE_
FORCE_
LDV_
CLV_
CMPL_
CMPH_
CHV_
RCV_
DATA_
DLV_
DTV_
DHV_
SCLK
DIN
LD
DOUT
LOAD EN HIGH
TEMP
VDD
VL
VSS
GND
DGND
0
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com