Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9972ACCS Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX9972ACCS
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972ACCS Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX9972ACCS Datasheet HTML 13Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 14Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 15Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 16Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 17Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 18Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 19Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 20Page - Maxim Integrated Products MAX9972ACCS Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Detailed Description
The MAX9972 is a four-channel, pin-electronics ICs for
automated test equipment that includes, for each chan-
nel, a three-level pin driver, a window comparator, a
passive load, and a Kelvin instrument connection
(Figure 1). All functions feature a -2.2V to +5.2V operat-
ing range and the drivers include both high-impedance
and active-termination (3rd-level drive) modes. The
comparators feature programmable output voltages,
allowing optimization for different CMOS interface stan-
dards. The loads have selectable output resistance for
optimizing DUT current loading. The Kelvin paths allow
accurate connection of an instrument with ±25mA
source/sink capability. Additionally, the MAX9972 offers
a low-leakage mode that reduces DUT_ leakage cur-
rent to less than 20nA.
The MAX9972 is available in two grades. The A-grade
devices provide tighter tolerances for driver gains and
offsets, comparator offsets, and load resistor values.
This allows reference levels to be shared across multi-
ple channels in cost-sensitive systems. The B-grade
devices are intended for system designs that incorpo-
rate independent reference levels for each channel.
Each of the four channels feature single-ended CMOS-
compatible inputs, DATA_ and RCV_, for control of the
driver signal path (Figure 2). The MAX9972 modal
operation is programmed through a 3-wire, low-voltage
CMOS-compatible serial interface.
Output Driver
The driver input is a high-speed multiplexer that selects
one of three voltage inputs; DHV_, DLV_, or DTV_. This
switching is controlled by high-speed inputs DATA_ and
RCV_, and mode-control bit TERM (Table 1). DATA_
and RCV_ are single-ended inputs with threshold levels
equal to VL / 2. Each channel’s threshold levels are
independently generated to minimize crosstalk.
DUT_ can be toggled at high speed between the buffer
output and high-impedance mode, or it can be placed
into low-leakage mode (Figure 2, Table 1). High-speed
input RCV_ and mode-control bits TERM and LLEAK
control these modes. In high-impedance mode, the
bias current at DUT_ is less than 2µA over the -2.2V to
+5.2V range, while the node maintains its ability to
track high-speed signals. In low-leakage mode, the
bias current at DUT_ is further reduced to less than
20nA, and signal tracking slows.
The nominal driver output resistance is 50Ω. Custom
resistance values from 45Ω to 51Ω are possible; con-
sult factory for further information.
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
______________________________________________________________________________________
17
Table 1. Driver Channel Control Signals
EXTERNAL
CONNECTIONS
INTERNAL
CONTROL BITS
RCV_
DATA_
TERM
LLEAK
DRIVER
OUTPUT
DRIVER
MODE
0
0
X
0
DUT_ = DLV_
Drive
0
1
X
0
DUT_ = DHV_
Drive
1X
0
0
High
Impedance
Receive
1
X
1
0
DUT_ = DTV_
Receive
X
X
X
1
Low Leak
Low
Leakage
MAX9972
DLV_
DHV_
DTV_
DATA_
RCV_
TERM_
BUFFER
50
Ω
DUT_
0
0
0
1
1
COMPARATORS
AND LOAD
LLEAK
HIGH
IMPEDANCE
Figure 2. Multiplexer and Driver Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com