Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 4Page - STMicroelectronics LSM320HAY30 Datasheet HTML 5Page - STMicroelectronics LSM320HAY30 Datasheet HTML 6Page - STMicroelectronics LSM320HAY30 Datasheet HTML 7Page - STMicroelectronics LSM320HAY30 Datasheet HTML 8Page - STMicroelectronics LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics LSM320HAY30 Datasheet HTML 10Page - STMicroelectronics LSM320HAY30 Datasheet HTML 11Page - STMicroelectronics LSM320HAY30 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Block diagram and pin description
LSM320HAY30
8/42
Doc ID 16917 Rev 1
1.1
Pin connection and description
Figure 2.
Pin connection
Table 1.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2SCL/SPC
I2C serial clock (SCL)/SPI serial port clock (SPC)
3
CS
SPI enable/I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
4
SDA/SDI/SDO
I2C serial data (SDA)/SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
SDO/SA0
SPI serial data output (SDO)/ I2C less significant bit of the device
address (SA0)
6
INT1
Inertial interrupt 1
7
INT2
Inertial interrupt 2
8
ARHP
Angular rate high-pass filter reset (logic 0: normal operation mode;
logic1: external high-pass filter is reset)
9
ARPD
Angular rate power-down (see
Table 5)
10
ARST
Angular rate self-test (see
Table 5)
11
GND
0 V supply
12
GND
0 V supply
13
RES
0 V supply
14
GND
0 V supply
15
GND
0 V supply
16
FILTVDD
PLL filter connection pin 16
17
VCONT
PLL filter connection pin 15
18
OUT X
Not amplified Out X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com