Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics LSM320HAY30 Datasheet HTML 10Page - STMicroelectronics LSM320HAY30 Datasheet HTML 11Page - STMicroelectronics LSM320HAY30 Datasheet HTML 12Page - STMicroelectronics LSM320HAY30 Datasheet HTML 13Page - STMicroelectronics LSM320HAY30 Datasheet HTML 14Page - STMicroelectronics LSM320HAY30 Datasheet HTML 15Page - STMicroelectronics LSM320HAY30 Datasheet HTML 16Page - STMicroelectronics LSM320HAY30 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LSM320HAY30
Absolute maximum ratings
Doc ID 16917 Rev 1
13/42
3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 4.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin (PD, ST)
-0.3 to Vdd +0.3
V
A
Acceleration
3000 for 0.5 ms
g
10000 for 0.1 ms
g
Vdd_IO
I/O pin supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, SDO/SA0)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 3 V)
3000 for 0.5 ms
g
10000 for 0.1 ms
g
AUNP
Acceleration (any axis, unpowered)
3000 for 0.5 ms
g
10000 for 0.1 ms
g
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part.
This is an ESD sensitive device, improper handling can cause permanent damage to
the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com