Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 32Page - STMicroelectronics LSM320HAY30 Datasheet HTML 33Page - STMicroelectronics LSM320HAY30 Datasheet HTML 34Page - STMicroelectronics LSM320HAY30 Datasheet HTML 35Page - STMicroelectronics LSM320HAY30 Datasheet HTML 36Page - STMicroelectronics LSM320HAY30 Datasheet HTML 37Page - STMicroelectronics LSM320HAY30 Datasheet HTML 38Page - STMicroelectronics LSM320HAY30 Datasheet HTML 39Page - STMicroelectronics LSM320HAY30 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Register description
LSM320HAY30
36/42
Doc ID 16917 Rev 1
Interrupt 1 source register. Read-only register.
Reading at this address clears LA_INT1_SRC IA bit (and the interrupt signal on INT 1 pin)
and allows the refreshing of data in the LA_INT1_SRC register if the latched option was
chosen.
8.15
LA_INT1_THS (32h)
8.16
LA_INT1_DURATION (33h)
The D6 - D0 bits set the minimum duration of the Interrupt 2 event to be recognized.
Duration steps and maximum values depend on the ODR chosen.
8.17
LA_INT2_CFG (34h)
YL
Y Low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH
X High. Default value: 0
(0: no interrupt, 1: X High event has occurred)
XL
X Low. Default value: 0
(0: no interrupt, 1: X Low event has occurred)
Table 40.
LA_INT1_SRC description (continued)
Table 41.
LA_INT1_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 42.
LA_INT1_THS description
THS6 - THS0
Interrupt 1 threshold. Default value: 000 0000
Table 43.
LA_INT1_DURATION register
0
D6D5D4
D3
D2D1
D0
Table 44.
LA_INT2_DURATION description
D6 - D0
Duration value. Default value: 000 0000
Table 45.
LA_INT2_CFG register
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com