Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 14Page - STMicroelectronics LSM320HAY30 Datasheet HTML 15Page - STMicroelectronics LSM320HAY30 Datasheet HTML 16Page - STMicroelectronics LSM320HAY30 Datasheet HTML 17Page - STMicroelectronics LSM320HAY30 Datasheet HTML 18Page - STMicroelectronics LSM320HAY30 Datasheet HTML 19Page - STMicroelectronics LSM320HAY30 Datasheet HTML 20Page - STMicroelectronics LSM320HAY30 Datasheet HTML 21Page - STMicroelectronics LSM320HAY30 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Application hints
LSM320HAY30
18/42
Doc ID 16917 Rev 1
The device core is supplied through the Vdd line. Power supply decoupling capacitors
(C1=100 nF ceramic, C2=10 µF aluminum) should be placed as near as possible to the
supply pin of the device (common design practice).
All voltage and ground supplies must be present at the same time to obtain proper behavior
of the IC (refer to
Figure 3).
5.1
Linear acceleration sensing
The functionality of the device and the measured acceleration data is selectable and
accessible through the SPI/I2C interface.
The functions, the threshold and the timing of the two interrupt pins (INT 1 and INT 2) can be
completely programmed by the user though the SPI/I2C interface.
5.2
Angular rate sensing
The LSM320HAY30 allows band limitation of the output rate response through the use of an
external low-pass filter (recommended) and/or high-pass filter (optional) in addition to the
embedded low-pass filter (ft = 140 Hz).
4xOUTX and 4xOUTZ are, respectively, OUTX and OUTZ amplified outputs lines, internally
buffered to ensure low output impedance.
If external filtering is not applied, it is mandatory to short-circuit pad 18 to pad 19 and pad 23
to pad 24, respectively, when amplified outputs are used.
When only a non-amplified output is used (OUTX/OUTZ), it is recommended to set pin 19
and 23 to a fixed reference voltage (Vref).
The LSM320HAY30 IC includes a PLL (phase locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at the FILTVDD and VCONT
pins (as shown in
Figure 3) to implement a second-order low-pass filter.
Figure 4.
Angular rate output response vs. rotation
Steady state position:
4xOUTX = 4xOUTZ = 1.5V
OUTX = OUTZ = 1.5V
Positive rotations as indicated by the arrows
+300°/sec --> 4xOUTX, 4xOUTZ = 1.5V + SoA*300 = 2.5V
+300°/sec --> OUTX, OUTZ = 1.5V + So*300 = 1.75V
increase output value over Zero rate level:
1
Z
Y
1
X
Z
+Ω
x
+Ω
z
AM06042v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com