Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 6Page - STMicroelectronics LSM320HAY30 Datasheet HTML 7Page - STMicroelectronics LSM320HAY30 Datasheet HTML 8Page - STMicroelectronics LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics LSM320HAY30 Datasheet HTML 10Page - STMicroelectronics LSM320HAY30 Datasheet HTML 11Page - STMicroelectronics LSM320HAY30 Datasheet HTML 12Page - STMicroelectronics LSM320HAY30 Datasheet HTML 13Page - STMicroelectronics LSM320HAY30 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Mechanical and electrical specifications
LSM320HAY30
10/42
Doc ID 16917 Rev 1
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd=3,0 V, T=25 °C unless otherwise noted.(a)
a.
The product is factory calibrated at 3.0 V. The operational power supply range is from 2.7 V to 3.6 V.
Table 2.
Mechanical characteristics
Symbol(1)
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
LA_FS
Linear acceleration measurement
range(3)
FS bit set to 00
±2.0
g
FS bit set to 01
±4.0
FS bit set to 11
±8.0
AR_FS
Angular rate measurement range
4x OUT (amplified)
±300
dps
OUT (not amplified)
±1200
LA_So
Linear acceleration sensitivity
FS bit set to 00 (12 bit)
0.9
1
1.1
mg/digit
FS bit set to 01 (12 bit)
1.8
2
2.2
FS bit set to 11 (12 bit)
3.5
3.9
4.3
AR_So
Angular rate sensitivity(4)
4x OUT (amplified)
3.33
mV/dps
OUT (not amplified)
0.83
mV/dps
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
FS bit set to 00
±0.01
%/°C
AR_TCSo
Angular rate sensitivity change vs
temperature
Delta from 25°C
0.07
%/°C
LA_TyOff
Linear acceleration typical zero-
g
level offset accuracy(5),(6)
FS bit set to 00
±20
mg
LA_TCOff
Linear acceleration zero-
g level
change vs. temperature
Max delta from 25°C
±0.1
mg/°C
AR_Zrl
Zero-rate level(6)
1.5
V
AR_Vref
Reference voltage
1.5
V
AR_TCZrl
Angular rate zero-rate level
change vs. temperature
Max delta from 25°C
±0.05
dps/°C
LA_An
Linear acceleration noise density
FS bit set to 00
218
µg/
√Hz
AR_Rn
Angular rate noise density
0.02
dps/
√Hz
AR_NL
Angular rate non linearity
Best fit straight line
±1
% FS
LA_BW
Linear acceleration bandwidth(7)
ODR/2
Hz
AR_BW
Angular rate bandwidth(8)
140
Hz
LA_ST
Linear acceleration self-test
output change(9),(10),(11)
FS bit set to 00 X axis
+500
LSb
FS bit set to 00 Y axis
-500
LSb
FS bit set to 00 Z axis
+600
LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com