Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 8Page - STMicroelectronics LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics LSM320HAY30 Datasheet HTML 10Page - STMicroelectronics LSM320HAY30 Datasheet HTML 11Page - STMicroelectronics LSM320HAY30 Datasheet HTML 12Page - STMicroelectronics LSM320HAY30 Datasheet HTML 13Page - STMicroelectronics LSM320HAY30 Datasheet HTML 14Page - STMicroelectronics LSM320HAY30 Datasheet HTML 15Page - STMicroelectronics LSM320HAY30 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Mechanical and electrical specifications
LSM320HAY30
12/42
Doc ID 16917 Rev 1
AR_VST
Angular rate self-test input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
AR_VPD
Angular rate power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
LA_VIH
Linear acceleration digital high
level input voltage
0.8*Vdd_IO
V
LA_VIL
Linear acceleration digital low level
input voltage
0.2*Vdd_IO
V
LA_VOH
Linear acceleration high level
output voltage
0.9*Vdd_IO
V
LA_VOL
Linear acceleration low level
output voltage
0.1*Vdd_IO
V
LA_ODR
Linear acceleration output data
rate in normal mode
DR bit set to 00
50
Hz
DR bit set to 01
100
DR bit set to 10
400
DR bit set to 11
1000
LA_ODRLP
Linear acceleration output data
rate in low-power mode
PM bit set to 010
0.5
Hz
PM bit set to 011
1
PM bit set to 100
2
PM bit set to 101
5
PM bit set to 110
10
LA_Ton
Linear acceleration turn-on time(3)
ODR = 100 Hz
1/ODR+1
ms
s
AR_Ton
Angular rate turn-on time(4)
200
ms
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed
2.
It is possible to remove Vdd, maintaining Vdd_IO without blocking the communication buses. In this condition the
measurement chain is powered off.
3.
Time to obtain valid data after exiting power-down mode
4.
Time to obtain valid data after exiting power-down mode
Table 3.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com