Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM320HAY30 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 22Page - STMicroelectronics LSM320HAY30 Datasheet HTML 23Page - STMicroelectronics LSM320HAY30 Datasheet HTML 24Page - STMicroelectronics LSM320HAY30 Datasheet HTML 25Page - STMicroelectronics LSM320HAY30 Datasheet HTML 26Page - STMicroelectronics LSM320HAY30 Datasheet HTML 27Page - STMicroelectronics LSM320HAY30 Datasheet HTML 28Page - STMicroelectronics LSM320HAY30 Datasheet HTML 29Page - STMicroelectronics LSM320HAY30 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Register mapping
LSM320HAY30
26/42
Doc ID 16917 Rev 1
7
Register mapping
The table given below provides a listing of the 8-bit registers embedded in the device and
the related addresses:
Table 14.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
00 - 0E
Reserved
WHO_AM_I
r
0F
000 1111 00110010
Dummy register
Reserved (do not modify)
10 - 1F
Reserved
LA_CTRL_REG1
rw
20
010 0000 00000111
LA_CTRL_REG2
rw
21
010 0001 00000000
LA_CTRL_REG3
rw
22
010 0010 00000000
LA_CTRL_REG4
rw
23
010 0011 00000000
LA_CTRL_REG5
rw
24
010 0100 00000000
LA_HP_FILTER_RESET
r
25
010 0101
Dummy register
LA_REFERENCE
rw
26
010 0110 00000000
LA_STATUS_REG
r
27
010 0111 00000000
LA_OUT_X_L
r
28
010 1000
output
LA_OUT_X_H
r
29
010 1001
output
LA_OUT_Y_L
r
2A
010 1010
output
LA_OUT_Y_H
r
2B
010 1011
output
LA_OUT_Z_L
r
2C
010 1100
output
LA_OUT_Z_H
r
2D
010 1101
output
Reserved (do not modify)
2E - 2F
Reserved
LA_INT1_CFG
rw
30
011 0000 00000000
LA_INT1_SOURCE
r
31
011 0001 00000000
LA_INT1_THS
rw
32
011 0010 00000000
LA_INT1_DURATION
rw
33
011 0011 00000000
LA_INT2_CFG
rw
34
011 0100 00000000
LA_INT2_SOURCE
r
35
011 0101 00000000
LA_INT2_THS
rw
36
011 0110 00000000
LA_INT2_DURATION
rw
37
011 0111 00000000
Reserved (do not modify)
38 - 3F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com