Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 51Page - Analog Devices ADE7858 Datasheet HTML 52Page - Analog Devices ADE7858 Datasheet HTML 53Page - Analog Devices ADE7858 Datasheet HTML 54Page - Analog Devices ADE7858 Datasheet HTML 55Page - Analog Devices ADE7858 Datasheet HTML 56Page - Analog Devices ADE7858 Datasheet HTML 57Page - Analog Devices ADE7858 Datasheet HTML 58Page - Analog Devices ADE7858 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 55 of 76
Bit Location
Bit Mnemonic
Default Value
Description
VCWV and one 32-bit word always equal to 0
-10= HSDC transmits 9 instantaneous values of phase powers: AVA, BVA, CVA, AWATT,
BWATT, CWATT, AVAR, BVAR and CVAR
-11=reserved. If set, the ADE7858 behaves as if HXFER[1:0]=00.
5
HSAPOL
0
-0: HSACTIVE output pin is active LOW.
-1: HSACTIVE output pin is active HIGH
7,6
00
Reserved. These bits do not manage any functionality.
Bit 5 (HSAPOL) determines the polarity of HSA pin during the
communication. When HSAPOL is 0, the default value, the
HSA pin is active low during the communication. This means
that HSA stays high when no communication is in progress.
When the communication starts, HSA goes low and stays low
until the communication ends. Then it goes back high. When
HSAPOL is 1, the HSA pin is active high during the
communication. This means that HSA stays low when no
communication is in progress. When the communication starts,
HSA goes high and stays high until the communication ends.
Then it goes back low.
Bits 7,6 of HSDC_CFG are reserved. Any value written into
these bits does not have any consequence on HSDC behavior.
Figure 66 shows the HSDC transfer protocol for HGAP=0,
HXFER[1:0]=00 and HSAPOL=0. Note that the HSDC
interface sets a bit on HSD line every HSCLK high to low
transition and the value of bit HSIZE is irrelevant.
Figure 67 shows the HSDC transfer protocol for HSIZE=0,
HGAP=1, HXFER[1:0]=00 and HSAPOL=0. Note that HSDC
interface introduces a 7 HSCLK cycles gap between every 32-bit
word.
Figure 68 shows the HSDC transfer protocol for HSIZE=1,
HGAP=1, HXFER[1:0]=00 and HSAPOL=0. Note that HSDC
interface introduces a 7 HSCLK cycles gap between every 8-bit
word.
Table 20 presents the time it takes to execute an HSDC data
transfer for all HSDC_CFG[7:0] settings. For some settings, the
transfer time is less than 125usec (8KHz), the waveform sample
registers update rate. This means the HSDC port transmits data
every sampling cycle. For settings in which the transfer time is
greater than 125usec, the HSDC port transmits data only in the
first of two consecutive 8KHz sampling cycles. This means it
transmits registers at an effective rate of 4KHz.
Table 20. Communication times for various HSDC settings
HXFER[1:0]
HGAP
HSIZE
HCLK
Comm Time [μsec]
00
0
*
0
64
00
0
*
1
128
00
1
0
0
77.125
00
1
0
1
154.25
00
1
1
0
119.25
00
1
1
1
238.25
01
0
*
0
28
01
0
*
1
56
01
1
0
0
33.25
01
1
0
1
66.5
01
1
1
0
51.625
01
1
1
1
103.25
10
0
*
0
36
10
0
*
1
72
10
1
0
0
43
10
1
0
1
86
10
1
1
0
66.625
10
1
1
1
133.25
VAWV(32bit)
IBWV(32bit)
CVAR(32bit)
HSD
IAVW (32bit)
0
31
0
31
0
31
0
31
HSCLK
HSA
Figure 66. HSDC communication for HGAP=0, HXFER[1:0]=00 and HSAPOL=0. HSIZE is irrelevant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com