Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 56Page - Analog Devices ADE7858 Datasheet HTML 57Page - Analog Devices ADE7858 Datasheet HTML 58Page - Analog Devices ADE7858 Datasheet HTML 59Page - Analog Devices ADE7858 Datasheet HTML 60Page - Analog Devices ADE7858 Datasheet HTML 61Page - Analog Devices ADE7858 Datasheet HTML 62Page - Analog Devices ADE7858 Datasheet HTML 63Page - Analog Devices ADE7858 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 60 of 76
Table 23. ADE7858 billable registers
Address
Name
R/W1
Bit
Length
Bit Length during
Comm
Type2
Default
Value
Description
0xE400
AWATTHR
R
32
32
S
0x00000000
Phase A total active energy accumulation
0xE401
BWATTHR
R
32
32
S
0x00000000
Phase B total active energy accumulation
0xE402
CWATTHR
R
32
32
S
0x00000000
Phase C total active energy accumulation
0xE403-
0xE405
Reserved
N/A
N/A
N/A
N/A
Can have
any value
Reserved
0xE406
AVARHR
R
32
32
S
0x00000000
Phase A total reactive energy accumulation
0xE407
BVARHR
R
32
32
S
0x00000000
Phase B total reactive energy accumulation
0xE408
CVARHR
R
32
32
S
0x00000000
Phase C total reactive energy accumulation
0xE409-
0xE40B
Reserved
N/A
N/A
N/A
N/A
Can have
any value
Reserved
0xE40C
AVAHR
R
32
32
S
0x00000000
Phase A apparent energy accumulation
0xE40D
BVAHR
R
32
32
S
0x00000000
Phase B apparent energy accumulation
0xE40E
CVAHR
R
32
32
S
0x00000000
Phase C apparent energy accumulation
1 R=read
W=write
2 U=unsigned register
S=signed register in two’s complement format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com