Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 71 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 67Page - Analog Devices ADE7858 Datasheet HTML 68Page - Analog Devices ADE7858 Datasheet HTML 69Page - Analog Devices ADE7858 Datasheet HTML 70Page - Analog Devices ADE7858 Datasheet HTML 71Page - Analog Devices ADE7858 Datasheet HTML 72Page - Analog Devices ADE7858 Datasheet HTML 73Page - Analog Devices ADE7858 Datasheet HTML 74Page - Analog Devices ADE7858 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 71 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
-01: 3 phase 3 wires delta connection
-10: 3 phase 4 wires with 2 voltage sensors
-11: 3 phase 4 wires delta connection
Energy
Registers
CONSEL[1:0]=00
CONSEL[1:0]=01
CONSEL[1:0]=10
CONSEL[1:0]=11
AWATTHR,
AFWATTHR
VA x IA
VA x IA
VA x IA
VA x IA
BWATTHR,
BFWATTHR
VB x IB
0
VB=-VA-VC
VB x IB
VB=-VA
VB x IB
CWATTHR,
CFWATTHR
VC x IC
VC x IC
VC x IC
VC x IC
AVARHR,
AFVARHR
VA x IA’
VA x IA’
VA x IA’
VA x IA’
BVARHR,
BFVARHR
VB x IB’
0
VB=-VA-VC
VB x IB’
VB=-VA
VB x IB’
CVARHR,
CFVARHR
VC x IC’
VC x IC’
VC x IC’
VC x IC’
AVAHR
VARMS x IARMS
VARMS x IARMS
VARMS x IARMS
VARMS x IARMS
BVAHR
VBRMS x IBRMS
0
VBRMS x IBRMS
VBRMS x IBRMS
CVAHR
VCRMS x ICRMS
VCRMS x ICRMS
VCRMS x ICRMS
VCRMS x ICRMS
7,6
Reserved
00
Reserved. These bits do not manage any functionality.
Table 42. LCYCMODE register (address 0xE702)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
LWATT
0
-0: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR) are placed in regular
accumulation mode.
-1: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR) are placed into line-
cycle accumulation mode.
1
LVAR
0
-0: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR) are placed in regular
accumulation mode.
-1: the var-hour accumulation registers (AVARHR, BVARHR, CVARHR) are placed into line-cycle
accumulation mode.
2
LVA
0
-0: the va-hour accumulation registers (AVAHR, BVAHR, CVAHR) are placed in regular accumulation
mode.
-1: the va-hour accumulation registers (AVAHR, BVAHR, CVAHR) are placed into line-cycle
accumulation mode.
3
ZXSEL[0]
1
-0: phase A is not selected for zero crossings counts in the line cycle accumulation mode.
-1: phase A is selected for zero crossings counts in the line cycle accumulation mode. If more than
one phase is selected for zero crossing detection, the accumulation time is shorten accordingly
4
ZXSEL[1]
1
-0: phase B is not selected for zero crossings counts in the line cycle accumulation mode.
-1: phase B is selected for zero crossings counts in the line cycle accumulation mode.
5
ZXSEL[2]
1
-0: phase C is not selected for zero crossings counts in the line cycle accumulation mode.
-1: phase C is selected for zero crossings counts in the line cycle accumulation mode.
6
RSTREAD
1
-0: Read-with-reset of all energy registers is disabled. This bit should be cleared to 0 when bits 2,1,0
(LWATT, LVAR, LVA) are set to 1.
-1: Read-with-reset of all xWATTHR, xVARHR, xVAHR registers (x=A,B,C) is enabled. This means a
read of those registers resets them to 0.
7
Reserved
0
Reserved. This bit does not manage any functionality.
Table 43. HSDC_CFG register (address 0xE706)
Bit Location
Bit Mnemonic
Default value
Description
0
HCLK
0
-0: HSCLK is 8MHz
-1: HSCLK is 4MHz
1
HSIZE
0
-0: HSDC transmits the 32bit registers in 32bit packages, most significant bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com