Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 67 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 63Page - Analog Devices ADE7858 Datasheet HTML 64Page - Analog Devices ADE7858 Datasheet HTML 65Page - Analog Devices ADE7858 Datasheet HTML 66Page - Analog Devices ADE7858 Datasheet HTML 67Page - Analog Devices ADE7858 Datasheet HTML 68Page - Analog Devices ADE7858 Datasheet HTML 69Page - Analog Devices ADE7858 Datasheet HTML 70Page - Analog Devices ADE7858 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 67 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
bit 0 (NLOAD) in STATUS1[31:0].
1
NLPHASE[1]
0
-0: phase B is out of no-load condition based on total active/reactive powers.
-1: phase B is in no load condition based on total active/reactive powers. Bit set together with
bit 0 (NLOAD) in STATUS1[31:0].
2
NLPHASE[2]
0
-0: phase C is out of no-load condition based on total active/reactive powers.
-1: phase C is in no load condition based on total active/reactive powers. Bit set together with
bit 0 (NLOAD) in STATUS1[31:0].
3-5
Reserved
000
Reserved. These bits are always 0.
6
VANLPHASE[0]
0
-0: phase A is out of no-load condition based on apparent power.
-1: phase A is in no load condition based on apparent power. Bit set together with bit 2
(VANLOAD) in STATUS1[31:0].
7
VANLPHASE[1]
0
-0: phase B is out of no-load condition based on apparent power.
-1: phase B is in no load condition based on apparent power. Bit set together with bit 2
(VANLOAD) in STATUS1[31:0].
8
VANLPHASE[2]
0
-0: phase C is out of no-load condition based on apparent power.
-1: phase C is in no load condition based on apparent power. Bit set together with bit 2
(VANLOAD) in STATUS1[31:0].
15-9
Reserved
000 0000
Reserved . These bits are always 0.
Table 34. COMPMODE register (address 0xE60E)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
TERMSEL1[0]
1
Setting all TERMSEL1[2:0] to 1 signifies the sum of all 3 phases is included in CF1 output
Phase A is included in CF1 outputs calculations
1
TERMSEL1[1]
1
Phase B is included in CF1 outputs calculations
2
TERMSEL1[2]
1
Phase C is included in CF1 outputs calculations
3
TERMSEL2[0]
1
Setting all TERMSEL2[2:0] to 1 signifies the sum of all 3 phases is included in CF2 output
Phase A is included in CF2 outputs calculations
4
TERMSEL2[1]
1
Phase B is included in CF2 outputs calculations
5
TERMSEL2[2]
1
Phase C is included in CF2 outputs calculations
6
TERMSEL3[0]
1
Setting all TERMSEL3[2:0] to 1 signifies the sum of all 3 phases is included in CF3 output
Phase A is included in CF3 outputs calculations
7
TERMSEL3[1]
1
Phase B is included in CF3 outputs calculations
8
TERMSEL3[2]
1
Phase C is included in CF3 outputs calculations
10,9
ANGLESEL[1:0]
00
-00:the angles between phase voltages and phase currents are measured
-01: the angles between phase voltages are measured
-10: the angles between phase currents are measured
-11: no angles are measured
11
VNOMAEN
0
When this bit is 0, the apparent power on phase A is computed regularly. When this bit is 1, the
apparent power on phase A is computed using VNOM[23:0] register instead of regular measured
rms phase voltage.
12
VNOMBEN
0
When this bit is 0, the apparent power on phase B is computed regularly. When this bit is 1, the
apparent power on phase B is computed using VNOM[23:0] register instead of regular measured
rms phase voltage.
13
VNOMCEN
0
When this bit is 0, the apparent power on phase C is computed regularly. When this bit is 1, the
apparent power on phase C is computed using VNOM[23:0] register instead of regular measured
rms phase voltage.
14,15
Reserved
00
Reserved. These bits do not manage any functionality.
Table 35: GAIN register (address 0xE60F)
Bit
Mnemonic
Default
Description
2 to 0
PGA1[2:0]
000
Phase currents gain selection
-000: gain=1
-001: gain=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com