Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 15Page - Analog Devices ADE7858 Datasheet HTML 16Page - Analog Devices ADE7858 Datasheet HTML 17Page - Analog Devices ADE7858 Datasheet HTML 18Page - Analog Devices ADE7858 Datasheet HTML 19Page - Analog Devices ADE7858 Datasheet HTML 20Page - Analog Devices ADE7858 Datasheet HTML 21Page - Analog Devices ADE7858 Datasheet HTML 22Page - Analog Devices ADE7858 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 19 of 76
THEORY OF OPERATION
ANALOG INPUTS
The ADE7858 has six analog inputs forming current and
voltage channels. The current channels consist of four pairs of
fully differential voltage inputs: IAP and IAN, IBP and IBN and
ICP and ICN. These voltage input pairs have a maximum
differential signal of ±0.5 V. In addition, the maximum signal
level on analog inputs for IxP/IxN is ±0.5 V with respect to
AGND. The maximum common mode signal allowed on the
inputs is ±25 mV. Figure 9 presents a schematic of the current
channels inputs and their relation to the maximum common
mode voltage.
All inputs have a programmable gain amplifier (PGA) with
possible gain selection of 1, 2, 4, 8 or 16. The gain of IA, IB and
IC inputs is set in bits 2-0 (PGA1) of GAIN[15:0] register. See
Table 35 for details on GAIN[15:0] register.
The voltage channel has three single-ended voltage inputs: VAP,
VBP and VCP. These single-ended voltage inputs have a
maximum input voltage of ±0.5 V with respect to VN. In
addition, the maximum signal level on analog inputs for VxP
and VN is ±0.5 V with respect to AGND. The maximum
common mode signal allowed on the inputs is ±25 mV. Figure
11 presents a schematic of the voltage channels inputs and their
relation to the maximum common mode voltage.
All inputs have a programmable gain with possible gain
selection of 1, 2, 4, 8, or 16. The setting is done using bits 8-6
(PGA3) in GAIN[15:0] register – see Table 35.
Figure 10 shows how the gain selection from GAIN[15:0]
register works in both current and voltage channels.
+500mV
-500mV
V
CM
V
1+V2
+
-
+
-
+
-
+
-
V
CM
V
1
V
2
IAP, IBP or
ICP
IAN, IBN
or ICN
DIFFERENTIAL INPUT
V
1+V2=500mV MAX PEAK
COMMON MODE
V
CM=+/-25mV MAX
Figure 9. Maximum input level, current channels, Gain=1
ANALOG TO DIGITAL CONVERSION
The ADE7858 has six sigma-delta Analog to Digital Converters
(ADC). In PSM0 mode, all ADCs are active. In PSM3 mode,
the ADCs are powered down to minimize power consumption.
For simplicity, the block diagram in Figure 12 shows a first-
order -Δ ADC. The converter is made up of the -Δ
modulator and the digital low-pass filter.
A -Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7858, the sampling clock is equal to
1.024MHz (CLKIN/16). The 1-bit DAC in the feedback loop is
driven by the serial data stream. The DAC output is subtracted
from the input signal. If the loop gain is high enough, the
average value of the DAC output (and therefore the bit stream)
can approach that of the input signal level. For any given input
value in a single sampling interval, the data from the 1-bit ADC
is virtually meaningless. Only when a large number of samples
are averaged is a meaningful result obtained. This averaging is
carried out in the second part of the ADC, the digital low-pass
filter. By averaging a large number of bits from the modulator,
the low-pass filter can produce 24-bit data-words that are
proportional to the input signal level.
VIN
K x V
IN
IxN, VN
IxP, VxP
GAIN
SELECTION
x=A,B,C
Figure 10. PGA in current and voltage channels
+500mV
-500mV
V
CM
V
1
+
-
+
-
V
CM
V
1
VAP, VBP
or VCP
VN
DIFFERENTIAL INPUT
V
1+V2=500mV MAX PEAK
COMMON MODE
V
CM=+/-25mV MAX
+
-
Figure 11. Maximum input level, voltage channels, Gain=1
24
DIGITAL
LOW-PASS
FILTER
R
C
ANALOG
LOW-PASS FILTER
+
–
VREF
1-BIT DAC
INTEGRATOR
CLKIN/16
LATCHED
COMPARATOR
.....10100101.....
+
–
Figure 12. First-Order
-∆ ADC
The -Δ converter uses two techniques to achieve high
resolution from what is essentially a 1-bit conversion technique.
The first is oversampling. Oversampling means that the signal is
sampled at a rate (frequency), which is many times higher than
the bandwidth of interest. For example, the sampling rate in the
ADE7858 is 1.024MHz and the bandwidth of interest is 40 Hz
to 2 kHz. Oversampling has the effect of spreading the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com