Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 26Page - Analog Devices ADE7858 Datasheet HTML 27Page - Analog Devices ADE7858 Datasheet HTML 28Page - Analog Devices ADE7858 Datasheet HTML 29Page - Analog Devices ADE7858 Datasheet HTML 30Page - Analog Devices ADE7858 Datasheet HTML 31Page - Analog Devices ADE7858 Datasheet HTML 32Page - Analog Devices ADE7858 Datasheet HTML 33Page - Analog Devices ADE7858 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 30 of 76
VAP
VA
VN
PGA3
ADC
IAP
IA
IAN
PGA1
ADC
Phase
Calibration
APHCAL=57
IA
VA
1
IA
VA
Phase compensation achieved
delaying IA by 56us
50Hz
Figure 35. Phase Calibration on Voltage Channels
REFERENCE CIRCUIT
The nominal reference voltage at the REFIN/OUT pin is 1.2±1% V.
This is the reference voltage used for the ADCs in the
ADE7858. The REFIN/OUT pin can be overdriven by an external
source, for example, an external 1.2 V reference. The voltage of
the ADE7858 reference drifts slightly with temperature; see the
Specifications section for the temperature coefficient
specification (in ppm/°C). The value of the temperature drift varies
from part to part. Because the reference is used for all ADCs,
any x% drift in the reference results in a 2x% deviation of the
meter accuracy. The reference drift resulting from temperature
changes is usually very small and typically much smaller than
the drift of other components on a meter. Alternatively, the meter
can be calibrated at multiple temperatures.
If bit 0 (EXTREFEN) in CONFIG2[7:0] register is cleared to 0 (the
default value), the ADE7858 uses the internal voltage reference. If
the bit is set to 1, then the external voltage reference is used.
CONFIG2 register should be set during PSM0 mode. Its value is
maintained during the PSM3 power mode.
DIGITAL SIGNAL PROCESSOR
The ADE7858 contains a fixed function Digital Signal
Processor (DSP) that computes all powers and rms values. It
contains various memories: program memory ROM, program
memory RAM, data memory RAM.
The program used for the power and rms computations is
stored in the program memory ROM and the processor
executes it every 8KHz. The end of the computations is signaled
by setting bit 17 (DREADY) to 1 in STATUS0[31:0] register. An
interrupt attached to this flag may be enabled by setting bit 17
(DREADY) in MASK0[31:0] register. If enabled, the
0
IRQ pin
is set low and status bit DREADY is set to 1 at the end of the
computations. The status bit is cleared and
0
IRQ pin is set back
high by writing STATUS0[31:0] register with bit 17 (DREADY)
set to 1.
The registers used by the DSP are located in the data memory
RAM, at addresses between 0x4000 and 0x43FF. The width of
this memory is 28 bits.
As seen in Power Up Procedure section, at power up or after a
hardware or software reset, the DSP is in idle mode. No
instruction is being executed. All the registers located in the
data memory RAM are initialized at 0, their default values. The
register RUN[15:0] used to start and stop the DSP is cleared to
0x0000. The RUN[15:0] register needs to be written with
0x0001 in order for the DSP to start code execution. It is
recommended to first initialize all ADE7858 registers located
into the data memory RAM with their desired values and then
write RUN[15:0] register with 0x0001. In this way, the DSP
starts the computations from a desired configuration.
There is no obvious reason to stop the DSP if the ADE7858 is
maintained in PSM0 normal mode. All ADE7858 registers
including ones located in the data memory RAM can be
modified without stopping the DSP. However, to stop the DSP,
0x0000 has to be written into the register RUN[15:0]. To start
the DSP again, one of the following procedures must be
followed:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com