Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 69 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 65Page - Analog Devices ADE7858 Datasheet HTML 66Page - Analog Devices ADE7858 Datasheet HTML 67Page - Analog Devices ADE7858 Datasheet HTML 68Page - Analog Devices ADE7858 Datasheet HTML 69Page - Analog Devices ADE7858 Datasheet HTML 70Page - Analog Devices ADE7858 Datasheet HTML 71Page - Analog Devices ADE7858 Datasheet HTML 72Page - Analog Devices ADE7858 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 69 of 76
Bit
Location
Bit
Mnemonic
Default
value
Description
If voltage channel compensation is necessary, these bits can vary only between 512 and 575.
If PHCALVAL bits are set with numbers between 384 and 511, the compensation behaves like
PHCALVAL set between 256 and 383.
If PHCALVAL bits are set with numbers between 512 and 1023, the compensation behaves like
PHCALVAL bits set between 384 and 511.
15-10
Reserved
000000
Reserved. These bits do not manage any functionality.
Table 38. PHSIGN register (address 0xE617)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
AWSIGN
0
-0: if the total active power on phase A is positive.
-1: if the total active power on phase A is negative.
1
BWSIGN
0
-0: if the total active power on phase B is positive.
-1: if the total active power on phase B is negative.
2
CWSIGN
0
-0: if the total active power on phase C is positive.
-1: if the total active power on phase is negative.
3
SUM1SIGN
0
-0: if the sum of all phase powers in the CF1 data path is positive.
-1: if the sum of all phase powers in the CF1 data path is negative.
Phase powers in the CF1 data path are identified by bits 2,1,0 (TERMSEL1) of COMPMODE[15:0]
register and by bits 2,1,0 (CF1SEL) of CFMODE[15:0] register.
4
AVARSIGN
0
-0: if the reactive power identified by bit 7 (REVRPSEL) bit in ACCMODE[7:0] register (total of
fundamental) on phase A is positive.
-1: if the total reactive power on phase A is negative.
5
BVARSIGN
0
-0: if the total reactive power on phase B is positive.
-1: if the total reactive power on phase B is negative.
6
CVARSIGN
0
-0: if the total reactive power on phase C is positive.
-1: if the total reactive power on phase C is negative.
7
SUM2SIGN
0
-0: if the sum of all phase powers in the CF2 data path is positive.
-1: if the sum of all phase powers in the CF2 data path is negative.
Phase powers in the CF2 data path are identified by bits 5,4,3 (TERMSEL2) of COMPMODE[15:0]
register and by bits 5,4,3 (CF2SEL) of CFMODE[15:0] register.
8
SUM3SIGN
0
-0: if the sum of all phase powers in the CF3 data path is positive.
-1: if the sum of all phase powers in the CF3 data path is negative.
Phase powers in the CF3 data path are identified by bits 8,7,6 (TERMSEL3) of COMPMODE[15:0]
register and by bits 8,7,6 (CF3SEL) of CFMODE[15:0] register.
15-9
Reserved
000 0000
Reserved . These bits are always 0.
Table 39. CONFIG register (address 0xE618)
Bit
Location
Bit
Mnemonic
Default
value
Description
0
INTEN
0
Integrator Enable. When this bit is set to 1, the internal digital integrator is enabled for use in
meters utilizing Rogowski Coils on all 3 phase and neutral current inputs. When this bit is cleared
to 0, the internal digital integrator is disabled.
2,1
Reserved
00
Reserved. These bits do not manage any functionality.
3
SWAP
0
When this bit is set to 1, the voltage channel outputs are swapped with the current channel
outputs. Thus, the current channel information will be present in the voltage channel registers
and vice versa.
4
MOD1SHORT
0
When this bit is set to 1, the voltage channel ADCs behave as if the voltage inputs were put to
ground.
5
MOD2SHORT
0
When this bit is set to 1, the current channel ADCs behave as if the voltage inputs were put to
ground.
6
HSDCEN
0
When this bit is set to 1, the HSDC serial port is enabled and HSCLK functionality is chosen at
CF3/HSCLK pin. When this bit is cleared to 0, HSDC is disabled and CF3 functionality is chosen at
CF3/HSCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com