Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7858 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7858
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7858 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7858 Datasheet HTML 13Page - Analog Devices ADE7858 Datasheet HTML 14Page - Analog Devices ADE7858 Datasheet HTML 15Page - Analog Devices ADE7858 Datasheet HTML 16Page - Analog Devices ADE7858 Datasheet HTML 17Page - Analog Devices ADE7858 Datasheet HTML 18Page - Analog Devices ADE7858 Datasheet HTML 19Page - Analog Devices ADE7858 Datasheet HTML 20Page - Analog Devices ADE7858 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 17 of 76
active serial port, bit 1 (I2C_LOCK) of CONFIG2[7:0] must be
set to 1 to lock it in. From this moment on, the ADE7858
ignores spurious togglings of the SS pin and an eventual switch
into using SPI port is no longer possible. If SPI is the active
serial port, any write to CONFIG2[7:0] registers locks the port.
From this moment on, a switch into using I2C port is no longer
possible. Only a power down or setting RESET pin low resets
back the ADE7858 to use the I2C port. Once locked, the serial
port choice is maintained when the ADE7858 changes PSMx,
x=0, 1, 2, 3 power modes.
Immediately after entering PSM0, the ADE7858 sets all
registers to their default values, including CONFIG2[7:0]. The
ADE7858 signals the end of the transition period by triggering
1
IRQ interrupt pin low and setting bit 15 (RSTDONE) in
STATUS1[31:0] register to 1. This bit is 0 during the transition
period and becomes 1 when the transition ends. The status bit
is cleared and
1
IRQ pin is set back high by writing
STATUS1[31:0] register with the corresponding bit set to 1. As
the RSTDONE is an unmaskable interrupt, bit 15 (RSTDONE)
in STATUS1[31:0] register has to be cancelled in order for
the
1
IRQ pin to turn back high. It is recommended to wait until
1
IRQ pin goes low before accessing STATUS1[31:0] register to
test the state of RSTDONE bit. At this point, as a good
programming practice, it is also recommended to cancel all
other status flags in STATUS1[31:0] and STATUS0[31:0]
registers by writing the corresponding bits with 1.
Initially, the DSP is in idle mode, which means it does not
execute any instruction. This is the moment to initialize all
ADE7858 registers and then write 0x0001 into the RUN[15:0]
register to start the DSP (see Digital Signal Processor chapter
for details on the RUN[15:0] register).
If the supply voltage VDD becomes lower than 2V ± 10%, the
ADE7858 goes into inactive state, which means no
measurements and computations are executed.
Hardware Reset
The ADE7858 has a RESET pin. If the ADE7858 is in PSM0
mode and RESET pin is set low, then the ADE7858 enters in
hardware reset state. The ADE7858 has to be in PSM0 mode
for hardware reset to be considered. Setting RESET pin low
while the ADE7858 is in PSM1, PSM2 and PSM3 modes does
not have any effect.
If the ADE7858 is in PSM0 mode and RESET pin is toggled
from high to low and then back high after at least 10μsec, all the
registers are set to their default values, including
CONFIG2[7:0]. The ADE7858 signals the end of the transition
period by triggering
1
IRQ interrupt pin low and setting bit 15
(RSTDONE) in STATUS1[31:0] register to 1. This bit is 0
during the transition period and becomes 1 when the transition
ends. The status bit is cleared and
1
IRQ pin is set back high by
writing STATUS1[31:0] register with the corresponding bit set
to 1.
After a hardware reset, the DSP is in idle mode, which means it
does not execute any instruction. As the I2C port is the default
serial port of the ADE7858, it becomes active after a reset state.
If SPI is the port used by the external microprocessor, the
procedure to enable it has to be repeated immediately after
RESET pin is toggled back high. See Serial Interfaces chapter
for details.
At this point, it is recommended to initialize all ADE7858
registers and then write 0x0001 into the RUN[15:0] register to
start the DSP (see Digital Signal Processor chapter for details on
RUN[15:0] register).
Software Reset Functionality
Bit 7 (SWRST) in CONFIG[15:0] register manages the software
reset functionality in PSM0 mode. The default value of this bit
is 0. If this bit is set to 1, then the ADE7858 enters a software
reset state. In this state, almost all internal registers are set to
their default value. In addition, the choice of what serial port
I2C or SPI is in use remains unchanged if the lock in procedure
has been previously executed (See Serial Interfaces chapter for
details). The register that maintains its value despite SWRST bit
being set to 1 is CONFIG2[7:0]. When the software reset ends,
bit 7 (SWRST) in CONFIG[15:0] is cleared to 0, the
1
IRQ
interrupt pin is set low and bit 15 (RSTDONE) in
STATUS1[31:0] register is set to 1. This bit is 0 during the
transition period and becomes 1 when the transition ends. The
status bit is cleared and
1
IRQ pin is set back high by writing
STATUS1[31:0] register with the corresponding bit set to 1.
After a software reset ended, the DSP is in idle mode, which
means it does not execute any instruction. It is recommended to
initialize all the ADE7858 registers and then write 0x0001 into
the RUN[15:0] register to start the DSP (see Digital Signal
Processor chapter for details on the RUN[15:0] register).
Software reset functionality is not available in PSM3 mode.
Table 8: ADE7858 Power modes and related characteristics
Power
Mode
Registers
CONFIG2
I2C/SPI
Functionality
PSM0
State after
hardware reset
Set to
default
Set to default
I2C enabled
-All circuits are active. DSP is in
idle mode.
State after
software reset
Set to
default
Unchanged
Active serial port unchanged if lock
in procedure has been previously
-All circuits are active. DSP is in
idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com