Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8535BVTATH Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8535BVTATH
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535BVTATH Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8535BVTATH Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8535BVTATH Datasheet HTML 126Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Mechanical Dimensions of the MPC8535E FC-PBGA
Freescale Semiconductor
124
6
Product Documentation
The following documents are required for a complete description of the device and are needed to design properly with the part.
•
MPC8536E Integrated Processor Reference Manual
(document number: MPC8536ERM)
•
e500 PowerPC Core Reference Manual
(document number: E500CORERM)
7
Document Revision History
Table 85 provides a revision history for the MPC8535E hardware specification.
Table 85. Document Revision History
Revision
Date
Substantive Change(s)
2
09/2009
• In Section 1, “Pin Assignments and Reset States,”updated the first sentence of the note to say, “The
UART_SOUT[0:1] and TEST_SEL pins must be set to a proper state during POR configuration.”
•In Table 40, “SGMII DC Receiver Electrical Characteristics,” changed LSTSAB to LSTSA and
LSTSEF to LSTSE for Note 4.
•In Table 80, “MPC8535E Thermal Model,” updated die value and bump/underfill value.
• Updated Figure 81, “Mechanical Dimensions and Bottom Surface Nomenclature of the MPC8535E
FC-PBGA,” and its notes.
1
09/2009
• In Table 3, “Recommended Operating Conditions,” for VDD_CORE, removed 1.1 ± 55 mV.
•In Table 5, “MPC8535E Power Dissipation 5,” remove note 5.
•In Table 5, ”MPC8535E Power Dissipation 5,” changed an “—”’ to “0.”
0
08/2009
• Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com