Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 27 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 27 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 28Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ST8024
Ver 2.1
Page 27/28
2009/08/19
14
APPLITION NOTE ( REFERENCE ONLY )
14.1 PCB and ITO layout notice:
Pin Name
ITO Resistor Values
LGND, GND, VDD, Vss
Less than 75
when VDD ≧ 3.0V, and the smaller the better
V0R, V0L
Less than 150 , and the smaller the better
V12R, V12L, V34R, V12L
Less than 250 , and the smaller the better
PS : Above resistor value test on 3” LCD panel.
14.2 We suggest the ITO resistor for LCD panel is less than 15Ω/Square, and the resistor value is as
smaller as better.
14.3 Adjust V1 and V4 voltage to keep the V0-V1 = V4-VSS relation to get better display quality. The
(V0-V1)-(V4-VSS) value had better less than 100mV.
14.4 Add 0.1uF high frequency by-pass capacitor to filter the noise on V0~V4 to VSS.
14.5 When OP follower circuit is used, please be sure the OP power is higher than V0 at least 1.5V.
14.6 EIO1 and EIO2 is enable pin for driver, please pay attention to the distance to avoid noise when
cascade function is used. Two chip connecting distance is as shorter as better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com