Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ST8024
Ver 2.1
Page 7/28
2009/08/19
7
FUNCTIONAL DESCRIPTION
7.1
Pin Functions
(Segment mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin,
Connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0L, V0R
V12L, V12R
V43L, V43R
Bias power supply pins for LCD drive voltage
Normally use the bias voltages set by a resistor divider
Ensure that voltages are set such that VSS < V43 < V12 < V0.
ViL and ViR (i = 0,12, 43) must connect to an external power supply, and supply regular
voltage which is assigned by specification for each power pin
DI7-DI0
Input pins for display data
In 4-bit parallel mode, DI3-DI0 are the display data input pins, and DI7-DI4 must be
connected to LGND or VDD.
In 8-bit parallel mode, All DI7-Dl0 pins are the display data input pins.
Refer to section 7.2.2.
XCK
Clock input pin for taking display data
Data is read at the falling edge of the clock pulse.
LP
Latch pulse input pin for display data
Data is latched at the falling edge of the clock pulse.
L/R
Input pin for selecting the reading direction of display data
When set to LGND level "L", data is read sequentially from Y240 to Y1.
When set to VDD level "H", data is read sequentially from Y1 to Y240.
Refer to section 7.2.2.
/DISPOFF
Control input pin for output of non-select level
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
When set to LGND level "L", the LCD drive output pins (Y1-Y240) are set to level Vss.
When set to "L", the contents of the line latch are reset, but the display data are read in
the data latch regardless of the condition of /DISPOFF. When the /DISPOFF function is
canceled, the driver outputs non-select level (V12 or V43), then outputs the contents of
the data latch at the next falling edge of the LP. At that time, if /DISPOFF removal time
does not correspond to what is shown in AC characteristics, it can not output the
reading data correctly.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Normally it inputs a frame inversion signal.
The LCD drive output pins' output voltage levels can be set using the line latch output
signal and the FR signal.
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
MD
Mode selection pin
When set to LGND level "L", 8-bit parallel input mode is set.
When set to VDD level "H", 4-bit parallel input mode is set.
Refer to section 7.2.2.
S/C
Segment mode/common mode selection pin
When set to VDD level "H", segment mode is set.
ElO1, EIO2
Input/output pins for chip selection
When L/R input is at LGND level "L", ElO1 is set for output, and EIO2 is set for input.
When L/R input is at VDD level "H", ElO1 is set for input, and EIO2 is set for output.
During output, set to "H" while LP • XCK is "H" and after 240 bits of data have been
read, set to "L” for one cycle (from falling edge to failing edge of XCK), after which it
returns to "H".
During input, the chip is selected while El is set to "L" after the LP signal is input. The
chip is non-selected after 240 bits of data have been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com