Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ST8024
Ver 2.1
Page 12/28
2009/08/19
7.2.4
Timing chart of 4-device cascade connection of segment drivers
n*
n*
n*
n*
n*
1
1
1
1
1
22
222
device A
device B
device C
device D
TOP DATA
LAST DATA
*n = 60 in 4-bit parallel input mode
*n = 30 in 8-bit parallel input mode
EO
(device C)
EO
(device B)
EO
(device A)
EI
(device A)
DI7 - DI0
XCK
LP
FR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com