Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 28 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 28 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 28Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ST8024
Ver 2.1
Page 28/28
2009/08/19
15
REVISION
REVISION
DESCRIPTION
PAGE
DATE
0.20
Add pad location and gold bump data
0.21
Add BLANK contrast control information
0.24
Add TCP (F4) information
0.25
Remove TCP information to another PDF file
ST8024TCP(F4).PDF
0.26
Gold bump strength=30g, update IC diagram
0.27
Correct wrong word mistake
0.28
Correct parameter name
0.29
Correct DI to FLM
0.30
Change operating temperature from -20°C~85°C to
-25°C~85°C
0.31
Change description of TEST1 pin in PIN DESCRIPTION(TCP)
1.0
Add 1 and 48 Gold Bump size
1.2
Modify TCP package
1.3
Rename V5 to Vss and some pins' description
1.4
Modify PAD sequence
1.5
Add alignment mark
1.6
Add max value for input high voltage
16
2006/12/11
1.7
Add wafer thickness information and roughly TCP drawing
information.
Modify chip size and thickness with scribe line and Spec
arrangement
1-27
2006/12/25
1.8
Modify all the data about absolute max voltage and recommend max
voltage
2,16-19
2007/05/25
1.9
Modify Pad Diagram
23
2008/1/14
2.0
Add application note
27
2008/05/07
2.1
Modify Pad Location
24
2009/0819
The above information is the exclusive intellectual property of Sitronix Technology Corp. and shall not be disclosed, distributed or reproduced without
permission from Sitronix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com