Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ST8024
Ver 2.1
Page 10/28
2009/08/19
7.2.2
Relationship between the display data and LCD drive output Pins
(Segment Mode)
4-bit Parallel Input Mode
NUMBER OF CLOCKS
MD L/R EIO1
EI02
DATA
INPUT 60 CLOCK 59 CLOCK 58 CLOCK … 3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y5
Y9
…
Y229
Y233
Y237
Dl1
Y2
Y6
Y10
…
Y230
Y234
Y238
DI2
Y3
Y7
Y11
…
Y231
Y235
Y239
H
L
Output
Input
DI3
Y4
Y8
Y12
…
Y232
Y236
Y240
DI0
Y240
Y236
Y232
…
Y12
Y8
Y4
Dl1
Y239
Y235
Y231
…
Y11
Y7
Y3
DI2
Y238
Y234
Y230
…
Y10
Y6
Y2
H
H
Input
Output
DI3
Y237
Y233
Y229
…
Y9
Y5
Y1
8-bit Parallel Input Mode
NUMBER OF CLOCKS
MD L/R EIO1
EI02
DATA
INPUT 30 CLOCK 29 CLOCK 28 CLOCK … 3 CLOCK 2 CLOCK 1 CLOCK
DI0
Y1
Y9
Y17
…
Y217
Y225
Y233
Dl1
Y2
Y10
Y18
…
Y218
Y226
Y234
DI2
Y3
Y11
Y19
…
Y219
Y227
Y235
DI3
Y4
Y12
Y20
…
Y220
Y228
Y236
DI4
Y5
Y13
Y21
Y221
Y229
Y237
DI5
Y6
Y14
Y22
Y222
Y230
Y238
DI6
Y7
Y15
Y23
Y223
Y231
Y239
L
L
Output
Input
DI7
Y8
Y16
Y24
Y224
Y232
Y240
DI0
Y240
Y232
Y224
…
Y24
Y16
Y8
Dl1
Y239
Y231
Y223
…
Y23
Y15
Y7
DI2
Y238
Y230
Y222
…
Y22
Y14
Y6
DI3
Y237
Y229
Y221
…
Y21
Y13
Y5
DI4
Y236
Y228
Y220
…
Y20
Y12
Y4
Dl5
Y235
Y227
Y219
…
Y19
Y11
Y3
DI6
Y234
Y226
Y218
…
Y18
Y10
Y2
L
H
Input
Output
DI7
Y233
Y225
Y217
…
Y17
Y9
Y1
(Common Mode)
MD
L/R
DATA TRANSFER DIRECTION
EIO1
EI02
DI7
L
Y240
Y1
Output
Input
X
L
(Single)
H
Y1
Y240
Input
Output
X
Y240
Y121
L
Y120
Y1
Output
Input
Input
Y1
Y120
H
(Dual)
H
Y121
Y240
Input
Output
Input
NOTES:
L: LGND (0 V), H: VDD (+2.5 to +5.5 V), X: Don't care
"Don't care" should be fixed to "H" or "L", avoiding floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com