Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST8024 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ST8024
Ver 2.1
Page 4/28
2009/08/19
5
PIN DESCRIPTION (TCP TYPE)
PS : Detail size see TCP drawing data
SYMBOL
I/O
DESCRIPTION
Y1-Y240
O
LCD drive output
V0L, V0R
P
Power supply for LCD drive
V12L, V12R
P
Power supply for LCD drive
V43L, V43R
P
Power supply for LCD drive
L/R
I
Display data shift direction selection
VDD
P
Power supply for logic system (+2.5 to +5.5 V)
S/C
I
Segment mode/common mode selection
EIO2, EIO1
I/O
Input/output for chip selection at segment mode
Shift data input/output for shift register at common mode
DI0-DI6
I
Display data input at segment mode
DI7
I
Display data input at segment mode/Dual mode data input at common mode
XCK
I
Clock input for taking display data at segment mode
/DISPOFF
I
Control input for output of non-select level
LP
I
Latch pulse input for display data at segment mode/
Shift clock input for shift register at common mode
FR
I
AC-converting signal input for LCD drive waveform
MD
I
4 or 8 bits mode selection input
VSS
P
Ground (0 V)
TEST1
I
Connect to GND or floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com