Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ST8024
Ver 2.1
Page 17/28
2009/08/19
11
ELECTRICAL CHARACTERISTICS
11.1
DC Characteristics
(Segment Mode)
(LGND=VSS =GND = 0V, VDD = +2.5 ~ +5.5 V, V0 = + 15.0 ~ +30.0V, TOPR = -25 to +85°C)
PARAMETER
SYMBOL CONDITIONS APPLICABLE PINS
MIN.
TYP.
MAX. UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI7-DI0, XCK, LP, L/R,
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
0.8VDD
VDD+0.7
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = LGND
-10.0
µA
Input leakage current
ILIH
VI = VDD
DI7-DI0, XCK, LP, L/R,
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
+10.0
µA
V0=30V
1.5
2.0
Output resistance
RON
| VON|
=0.5V V0=20V
Y1-Y240
2.0
2.5
k
Standby current
ISTB
LGND
75.0
µA
1
Supply current (1)
(Non-selection)
IDD1
VDD
2.0
mA
2
Supply current (2)
(Selection)
IDD2
VDD
12.0
mA
3
Supply current (3)
I0
V0L, V0R
1.5
mA
4
NOTES:
1. VDD = +5.0 V, V0 = +30.0 V, Vi = LGND.
2. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20 MHz, no-load, El = VDD. The input data is turned over by data taking
clock (4-bit parallel input mode).
3. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20 MHz, no-load, El = LGND. The input data is turned over by data
taking clock (4-bit parallel input mode).
4. VDD = +5.0 V, V0 = +30.0 V, fXCK = 20 MHz, fLP = 41.6 kHz, fFR = 80 Hz, no-load. The input data is turned
over by data taking clock (4-bit parallel input mode).
(Common Mode)
(LGND=VSS =GND = 0V, VDD = +2.5 ~ +5.5V, V0 = + 15.0 ~ +30.0V, TOPR = -25 to +85 °C)
PARAMETER
SYMBOL CONDITIONS APPLICABL E PINS
MIN.
TYP.
MAX.
UNIT NOTE
Input "Low" voltage
VIL
0.2VDD
V
Input "High" voltage
VIH
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
0.8VDD
VDD+0.7
V
Output "Low" voltage
VOL
IOL = +0.4 mA
+0.4
V
Output "High" voltage
VOH
IOH = -0.4 mA
EIO1, EIO2
VDD-0.4
V
ILIL
VI = LGND
DI7-DI0, XCK, LP, L/R
FR, MD, S/C, EIO1,
EIO2, /DISPOFF
-10.0
µA
Input leakage current
ILIH
VI = VDD
DI6-DI0, LP, L/R, FR,
MD, S/C, /DISPOFF
+10.0
µA
Input pull-down
current
IPD
VI = VDD
DI7, XCK, EIO1, EIO2
100.0
µA
V0=30V
1.5
2.0
Output resistance
RON
| VON|
=0.5V V0=20V
Y1-Y240
2.0
2.5
k
Standby current
ISPD
LGND
75.0
µA
1
Supply current (1)
IDD
VDD
120.0
µA
2
Supply current (2)
I0
V0L, V0R
240.0
µA
2
NOTES:
1. VDD = +5.0 V, V0 = +30.0 V, VI = LGND
2. VDD = +5.0 V, V0 = +30.0 V, fLP = 41.6 kHz, fFR = 80 Hz, 1/480 duty operation, no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com