Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST8024
Description  COM/SEG LCD Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8024 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST8024 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8024 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ST8024
Ver 2.1
Page 16/28
2009/08/19
9
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
APPLICABLE PINS
RATING
UNIT
NOTE
Supply voltage (1)
VDD
VDD
-0.3 to +7.0
V
V0
V0L, V0R
-0.3 to +33.0
V
V12
V12L, V12R
-0.3 to V0 + 0.3
V
V43
V43L, V43R
-0.3 to V0 + 0.3
V
Supply voltage (2)
VSS
VSS
-0.3 to V0 + 0.3
V
Input voltage
VI
DI7-DI0, XCK, LP, L/R, FR,
MD, S/C, EIO1, EIO2,
/DISPOFF
-0.3 to VDD + 0.3
V
1,2
Storage temperature
TSTG
-45 to +125
°C
NOTES:
1. TA = +25 °C
2. The applicable voltage on logic pins with respect to LGND, high voltage pins with VSS (0 V).
3. Stress over the “Absolute Max. Ratings” conditions will damaged the device permanently.
10
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
APPLICABLE PINS
MIN.
TYP.
MAX.
UNIT NOTE
Supply voltage (1)
VDD
VDD
+2.5
+5.5
V
Supply voltage (2)
V0
V0L, V0R
+15.0
+30.0
V
1, 2
Operating temperature
TOPR
-25
+85
°C
NOTES:
1. The applicable voltage on logic pins with respect to LGND, high voltage pins with VSS (0 V).
2. Ensure that voltages are set such that VSS < V43 < Vl2 < V0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com