Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 9 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 9 Page - ams AG

Back Button AS1371 Datasheet HTML 5Page - ams AG AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG AS1371 Datasheet HTML 11Page - ams AG AS1371 Datasheet HTML 12Page - ams AG AS1371 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
9 - 14
AS1371
Datasheet - D e t a i l e d D e s c r i p t i o n
Power-OK and Low-Battery-Detect Functionality
The AS1371’s power-ok or low-battery-detect circuitry is built around an N-channel MOSFET. The circuitry monitors
the voltage on pin SENSE and if the voltage goes out of regulation (e.g. during dropout, current limit or thermal
shutdown) the pin POK goes low. The pin SENSE can be connected to a resistive-divider to monitor a particular
definable voltage and compare it with an internal voltage reference. If the SENSE pin is connected to GND an internal
resistive-divider is activated and connected to the output. Therefore, the Power-OK functionality can be realised with
no additional external components.
The Power-OK feature is not active during shutdown and provides a power-on-reset function that can operate down to
VIN = 1.2V. A capacitor to GND may be added to generate a power-on-reset delay. To obtain a logic-level output,
connect a pull-up resistor from pin POK to pin OUT. Larger values for this resistor will help to minimize current
consumption; a 100k
Ω resistor is perfect for most applications (see Figure 1 on page 1).
For the circuit shown in the left of Figure 14 on page 11, the input bias current into SENSE is very low, permitting large-
value resistor-divider networks while maintaining accuracy. Place the resistor-divider network as close to the device as
possible. Use a defined resistor for R2 and then calculate R1 as:
Where:
VSENSE .... Is the internal sense reference voltage. For values see Table 3 on page 4.
R2 .... Is the predefined resistor in the resistor divider.
In case of the SENSE pin is connected to GND, an internal resistor-divider network is activated and compares the out-
put voltage with a 94% (typ.) voltage threshold. For this particular Power-OK application, no external resistive compo-
nents are necessary.
Current Limiting
The AS1371 include current limiting circuitry to protect against short-circuit conditions. The circuitry monitors and
controls the gate voltage of the P-channel MOSFET, limiting the output current to 400mA. The P-channel MOSFET
output can be shorted to ground for an indefinite period of time without damaging the device.
Thermal-Overload Protection
The devices are protected against thermal runaway conditions by the integrated thermal sensor circuitry. Thermal
shutdown is an effective instrument to prevent die overheating since the power transistor is the principle heat source in
the device.
If the junction temperature exceeds 150ºC with 15ºC hysteresis, the thermal sensor starts the shutdown logic, at which
point the P-channel MOSFET is switched off. After the device temperature has dropped by approximately 15ºC, the
thermal sensor will turn the P-channel MOSFET on again. Note that this will be exhibited as a pulsed output under
continuous thermal-overload conditions.
Note: The absolute maximum junction-temperature of +150ºC should not be exceeding during continual operation.
(EQ 1)
R
1
R
2
V
IN
V
SENSE
------------------
1
–
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com