Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 12 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 12 Page - ams AG

Back Button AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG AS1371 Datasheet HTML 11Page - ams AG AS1371 Datasheet HTML 12Page - ams AG AS1371 Datasheet HTML 13Page - ams AG AS1371 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
12 - 14
AS1371
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in a 6-pin 2x2 TDFN package.
Figure 15. 6-pin 2x2 TDFN package Diagram
Note:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. N is the total number of terminal.
4. ND and NE refers to the number of terminals on each side respectively.
5. Terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the area indicated. The terminal #1 identifier may be
either a mold, embedded metal or mark feature.
6. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
7. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
Table 4. 6-pin 2x2 TDFN package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.51
0.55
0.60
D2
1.30
1.45
1.55
A1
0.00
0.02
0.05
E2
0.85
1.00
1.10
A3
0.15 ref
L
0.15
0.25
0.35
aaa
0.15
N
6
bbb
0.10
ND
3
ccc
0.10
NE
3
D
1.95
2.00
2.05
e
0.50
E
1.95
2.00
2.05
b
0.20
0.25
0.32
D/2
D
B
aaa C
A
INDEX AREA
D/2 x E/2
TOP VIEW
SEATING
PLANE
SIDE VIEW
D2
b
bbb
C A B
INDEX AREA
(D/2 x E/2)
BOTTOM VIEW
e
Terminal Tip
EXPOSED PAD
B
0.08 C
ccc C
PIN#1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com