Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 11 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 11 Page - ams AG

Back Button AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG AS1371 Datasheet HTML 11Page - ams AG AS1371 Datasheet HTML 12Page - ams AG AS1371 Datasheet HTML 13Page - ams AG AS1371 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
11 - 14
AS1371
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Capacitor Selection and Regulator Stability
Ceramic capacitors are highly recommended as they offer distinct advantages over their tantalum and aluminum
electrolytic components. For stable operation with load currents up to 400mA over the entire device temperature
range, use a 1µF (min) ceramic output capacitor with an ESR <0.2
Ω. Use large output capacitor values (e.g. 10µF) to
reduce noise and improve load transient-response, stability and power-supply rejection.
Note: Some ceramic capacitors exhibit large capacitance and ESR variations with variations in temperature.
Power Supply Rejection Ratio
The AS1371 is designed to deliver low dropout voltages and low quiescent currents. Power-supply rejection is typically
50dB at 10kHz. To improve power supply-noise rejection and transient response, increase the values of the input and
output bypass capacitors, which are shown in Figure 14.
The Section 6 Electrical Characteristics on page 4 show also the device line- and load-transient responses.
Dropout Voltage
For standard products with output voltage greater than the minimum VIN (1.2V), the minimum input-output voltage
differential (dropout voltage) determines the lowest usable supply voltage. This determines the useful end-of-life
battery voltage in battery-powered systems. The dropout voltage is a function of the P-MOSFET drain-to-source on-
resistance multiplied by the load current, and is calculated by:
Where:
RDS(ON) is the drain-to-source on -resistance.
IOUT is the output current.
Figure 14. Application Diagrams
(EQ 4)
V
DROPOUT
V
IN
V
OUT
–
R
DS ON
()
I
OUT
×
==
Input
1.2V to 3.6V
CIN
1
µF
ON /
OFF
COUT
1µF
Output
0.6V to 3.3V
IN
EN
GND
SENSE
OUT
AS1371
POK
R2
R1
Input
1.2V to 3.6V
CIN
1
µF
ON /
OFF
COUT
1µF
Output
0.6V to 3.3V
IN
EN
GND
SENSE
OUT
AS1371
POK
External Voltage Level Detection
(Input Monitoring)
Internal Voltage Level Detection
(Output Monitoring)
RPU
100k
Ω
RPU
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com