Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 6 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 6 Page - ams AG

Back Button AS1371 Datasheet HTML 2Page - ams AG AS1371 Datasheet HTML 3Page - ams AG AS1371 Datasheet HTML 4Page - ams AG AS1371 Datasheet HTML 5Page - ams AG AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
6 - 14
AS1371
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT = 1.8V, VIN = 2.3V, IOUT = 1mA, TAMB = +25°C (unless otherwise specified).
Figure 3. Output Voltage vs. Temperature
Figure 4. Line Regulation, VOUT vs. VIN;
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
-40
-20
0
20406080
Temperature (°C)
no load
Iout = 10mA
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)
- 40°C
+ 25°C
+ 85°C
Figure 5. Load Regulation, VOUT vs. IOUT;
Figure 6. Quiescent Current vs. Input Voltage
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
0
50
100 150 200 250 300 350 400
Output Current (mA)
- 40°C
+ 25°C
+ 85°C
0
10
20
30
40
50
60
70
80
90
100
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)
no load
Iout = 100mA
Iout = 400mA
Figure 7. POK Voltage Threshold vs. Temperature
Figure 8. Dropout Voltage vs. Output Current
90
91
92
93
94
95
96
97
98
99
100
-40
-20
0
2040
6080
Temperature (°C)
POK rising
POK f alling
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
Output Current (mA)
- 40°C
+ 25°C
+ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com