Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 13 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 13 Page - ams AG

Back Button AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG AS1371 Datasheet HTML 11Page - ams AG AS1371 Datasheet HTML 12Page - ams AG AS1371 Datasheet HTML 13Page - ams AG AS1371 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
13 - 14
AS1371
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products listed in Table 5.
*) on request
Non-standard devices from 0.6V to 3.3V are available in 50mV steps. For more information and inquiries contact
http://www.austriamicrosystems.com/contact
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 5. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1371-BTDT-105
AT
1.05V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-12*
AM
1.2V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-15*
AN
1.5V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-18*
AO
1.8V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-20*
AP
2.0V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-25*
AQ
2.5V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN
AS1371-BTDT-30*
AR
3.0V
400mA, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
6-pin 2x2 TDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com