Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 2 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 2 Page - ams AG

  AS1371 Datasheet HTML 1Page - ams AG AS1371 Datasheet HTML 2Page - ams AG AS1371 Datasheet HTML 3Page - ams AG AS1371 Datasheet HTML 4Page - ams AG AS1371 Datasheet HTML 5Page - ams AG AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
2 - 14
AS1371
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
IN
1
LDO Input. Input voltage range: 1.2V to 3.6V. Bypass with 1µF to GND.
POK
2
Power-OK Output. Active-low, open-drain output indicates an out-of-
regulation condition. Connect a 100k
Ω pull-up resistor to pin OUT for logic
levels. Leave this pin unconnected if the Power-OK feature is not used.
EN
3
Active-High Enable Input. A logic low reduces the supply current to < 1µA.
Connect to pin IN for normal operation.
GND
4
Ground. This pin also functions as a heat sink. Solder it to a large pad or to
the circuit-board ground plane to maximize power dissipation.
SENSE
5
Sense Input. Represents the input for the Power-OK behaviour. If
connected to GND the POK output is related to OUT.
OUT
6
LDO Output. Bypass with 1µF to GND.
GND
Exposed Pad
Exposed Pad. This pin also functions as a heat sink. Solder it to a large pad
or to the circuit-board ground plane to maximize power dissipation. Internally
it is connected GND.
AS1371
1
2
3
IN
POK
EN
GND
OUT
SENSE
6
5
4
Exposed
Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com