Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 10 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 10 Page - ams AG

Back Button AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG AS1371 Datasheet HTML 10Page - ams AG AS1371 Datasheet HTML 11Page - ams AG AS1371 Datasheet HTML 12Page - ams AG AS1371 Datasheet HTML 13Page - ams AG AS1371 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com
Revision 1.04
10 - 14
AS1371
Datasheet - D e t a i l e d D e s c r i p t i o n
Operating Region and Power Dissipation
Maximum power dissipation is determined by the thermal resistance of the case and circuit board, the temperature
difference between the die junction and ambient air, and the rate of air flow. The power dissipation of the device is
calculated by:
Maximum power dissipation is calculated by:
Where:
TJ - TAMB is the temperature difference between the device die junction and the surrounding air.
θJB is the thermal resistance of the package.
θJA is the thermal resistance through the circuit board, copper traces, and other materials to the surrounding.
Note: Pin GND is a multi-function pin providing a connection to the system ground and acting as a heat sink. This pin
should be connected to the system ground using a large pad or a ground plane.
(EQ 2)
PI
OUT
V
IN
V
OUT
–
()
×
=
(EQ 3)
P
MAX
T
J
T
AMB
–
θ
JB
θ
JA
+
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com