Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1371 Datasheet(PDF) 1 Page - ams AG

Part # AS1371
Description  400mA, Low Input Voltage, Low Quiescent Current LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1371 Datasheet(HTML) 1 Page - ams AG

  AS1371 Datasheet HTML 1Page - ams AG AS1371 Datasheet HTML 2Page - ams AG AS1371 Datasheet HTML 3Page - ams AG AS1371 Datasheet HTML 4Page - ams AG AS1371 Datasheet HTML 5Page - ams AG AS1371 Datasheet HTML 6Page - ams AG AS1371 Datasheet HTML 7Page - ams AG AS1371 Datasheet HTML 8Page - ams AG AS1371 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AS1371
400mA, Low Input Vo ltage, Low Quiescent Current LDO
www.austriamicrosystems.com
Revision 1.04
1 - 14
Datasheet
1 General Description
The AS1371 low input voltage, positive voltage regulator
is designed to deliver up to 400mA while consuming
typically only 15µA of quiescent current. The device
operates from input voltages of 1.2V to 3.6V, and is
available in fixed output voltages between 0.6V and
3.3V (programmable in 50mV steps).
Operation at the full 400mA load current is dependent
upon the maximum power dissipation available from
package and environment.
The low input voltage and ultra-low dropout voltage
(20mV @ 100mA load and 80mV @ 400mA load)
supports
single
primary
cell
operation
in
small
applications, when operated with minimum input-to-
output voltage differentials. In addition, the regulator
provides a power management life extension by
operating from pre-existing 1.8V and 2.5V outputs to
provide low output voltages for new generation portable
processor cores.
The device features stable output voltage with ceramic
capacitors down to a value of 1µF, strict output voltage
regulation tolerances (±1%), and good line- and load-
regulation.
The AS1371 is available in a 6-pin 2x2 TDFN package
and is qualified for -40°C to +85°C operation.
2 Key Features
!
Ultra-Low Dropout Voltage: 20mV @ 100mA load
!
Operating Input Voltage Range: 1.2V to 3.6V
!
Output Voltages: 0.6V to 3.3V in 50mV steps
!
Max. Output Current: 400mA
!
Output Voltage Accuracy: ±1%
!
Low Shutdown Current: 10nA
!
Low Quiescent Current: 50µA @ max load
!
Integrated Overtemperature/Overcurrent Protection
!
Under-Voltage Lockout Feature
!
Chip Enable Input
!
Power-OK and Low Battery Detection
!
Sense Input Option
!
Minimal External Components Required
!
Operating Temperature Range: -40°C to +85°C
!
6-pin 2x2 TDFN Package
3 Applications
The devices are ideal for powering cordless and mobile
phones, MP3 players, CD and DVD players, PDAs,
hand-held computers, digital cameras, and any other
hand-held and/or battery-powered device.
Figure 1. AS1371 - Typical Application Diagram
Input
1.2V to 3.6V
CIN
1µF
ON
OFF
100k
Ω
COUT
1µF
Output
0.6V to 3.3V
IN
EN
GND
SENSE
OUT
AS1371
POK


Similar Part No. - AS1371

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results

Similar Description - AS1371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
1A, Low Input Voltage, Low Quiescent Current LDO
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
Will Semiconductor Ltd.
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2861K WILLSEMI-WL2861K Datasheet
574Kb / 10P
High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com