Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 7 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 7 Page - ams AG

Back Button AS1543 Datasheet HTML 3Page - ams AG AS1543 Datasheet HTML 4Page - ams AG AS1543 Datasheet HTML 5Page - ams AG AS1543 Datasheet HTML 6Page - ams AG AS1543 Datasheet HTML 7Page - ams AG AS1543 Datasheet HTML 8Page - ams AG AS1543 Datasheet HTML 9Page - ams AG AS1543 Datasheet HTML 10Page - ams AG AS1543 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 29
AS1543/44
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Power Requirements
VDD
Input Supply Range
2.75
5.25
V
VDRIVE
DRIVE Range
VDRIVE
≤ VDD
2.75
5.25
V
IDD
Input Current
Normal Mode
(Static)
VDD = 2.7 to 5.25V,
SCLK On or Off
1.8
mA
Normal Mode
(Operational);
fS = Max
Throughput
VDD = 4.75 to 5.25V,
fSCLK = 20 MHz
3.0
3.5
mA
VDD = 2.7 to 3.6V,
fSCLK = 20 MHz
2.4
2.8
mA
Auto Shutdown
Mode
fSAMPLE = 250ksps
1.4
1.6
mA
Static
0.01
0.5
µA
Power Dissipation
(see Power vs. Throughput
Rate on page 23).
Normal Mode
(Operational);
fSCLK = 20MHz
VDD = 4.75 to 5.25V
18.4
mW
VDD = 2.7 to 3.6V
10.1
mW
Auto Shutdown
Mode (Static)
VDD = 4.75 to 5.25V
2.5
µW
VDD = 2.7 to 3.6V
1.5
µW
1. When bit RANGE = 0 and bit SE/FDN = 1, VREFIN must not be larger than VDD/2.
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com