Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 3 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 3 Page - ams AG

  AS1543 Datasheet HTML 1Page - ams AG AS1543 Datasheet HTML 2Page - ams AG AS1543 Datasheet HTML 3Page - ams AG AS1543 Datasheet HTML 4Page - ams AG AS1543 Datasheet HTML 5Page - ams AG AS1543 Datasheet HTML 6Page - ams AG AS1543 Datasheet HTML 7Page - ams AG AS1543 Datasheet HTML 8Page - ams AG AS1543 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 29
AS1543/44
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number Pin Name
Description
(see Figure 2)
VINx
Analog Inputs. 8/4 single-ended or 4/2 fully-differential analog input channels that are
multiplexed into the track-and-hold circuitry. Input channels are selected by using address
bits ADDR3:ADDR0 (page 14) of the control register. The address bits in conjunction with
bits SEQ (page 14) and SHADOW (page 14) allow the sequence register to be
programmed. The bit SE/FDN (page 14) of the control register selects single-ended or
fully-differential conversion mode. In case of single-ended mode the input range can
extend from [0V to VREFIN] or [0V to 2 x VREFIN]. In case of fully-differential mode the
differential input range can extend from [-VREFIN/2 to +VREFIN/2] or [-VREFIN to +VREFIN].
Note: Unused inputs should be connected to AGND to avoid noise.
REFIN
Reference Input. An external reference must be applied to this input. The voltage range
for the external reference is 2.5V ±1% for specified performance.
SCLK
Serial Clock. Provides the serial clock for accessing data from the part. This clock input is
also used as the clock source for the ADC conversion process
VDD
2.7 to 5.25V Supply Input. For the [0V to 2 x VREFIN] range, VDD must be between 4.75
and 5.25V
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the operating
voltage of the AS1543/44 serial interface. VDRIVE
≤ VDD required.
DOUT
Digital Output. The ADC conversion result is provided serially on this output. Data bits are
clocked out on the falling edge of SCLK. The data stream consists of four address bits
indicating the corresponding conversion channel, followed by 12 bits of conversion data
(MSB first). Output coding may be selected as straight binary or two’s complement
depending on the setting of bit CODING (page 14).
DIN
Digital Input. Data is clocked into to the AS1543/44 control register on this input (see
Control Register on page 14).
CSN
Chip Select. Active low input. Initiates conversions and also is used to frame the serial
data transfer.
AGND
Analog Ground. Ground reference point for all analog circuitry. All analog input signals
and any external reference signal should be referenced to pin AGND.
Note: AGND, GND and DGND pins must be connected together.
DGND
Digital Logic Ground. Ground reference point for the VDRIVE logic power supply input.
VDRIVE should be decoupled to pin DGND.
GND
Supply Ground. Ground reference point for the VDD supply input. The supply input VDD
should be decoupled to pin GND.
AS1543
10 REFIN
9
VDD
8GND
7
CSN
6
DIN
20
N/C
19
VIN0
18
VIN1
17
VIN2
16
VIN3
AS1544
10 REFIN
9
VDD
8GND
7
CSN
6
DIN
20
N/C
19
VIN0
18
VIN1
17
VIN2
16
VIN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com