Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 20 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 20 Page - ams AG

Back Button AS1543 Datasheet HTML 16Page - ams AG AS1543 Datasheet HTML 17Page - ams AG AS1543 Datasheet HTML 18Page - ams AG AS1543 Datasheet HTML 19Page - ams AG AS1543 Datasheet HTML 20Page - ams AG AS1543 Datasheet HTML 21Page - ams AG AS1543 Datasheet HTML 22Page - ams AG AS1543 Datasheet HTML 23Page - ams AG AS1543 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
20 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
Channel Counter Conversion (SEQ = 1, SHADOW = 1)
Figure 30 shows how a sequence of consecutive channels can be converted from without having to program the
shadow register or write to the part on each serial transfer. To exit this mode of operation and revert back to the normal
mode of operation of a multi-channel ADC (as outlined in Figure 29), verify bit WRITE (page 14) = 1 and bits SEQ and
SHADOW = 0 on the next serial transfer.
Figure 30. Bit SEQ = 1, Bit SHADOW = 1 Flowchart
Serial Interface
Figure 31 shows the detailed timing diagram for serial interfacing to the AS1543/44. The serial clock provides the con-
version clock and also controls the transfer of information to and from the AS1543/44 during each conversion.
Figure 31. Serial Interface Timing Diagram
Power On
CSN Falling
Edge
DOUT: Dummy Conversion Result
DIN: Write to Control Register;
Bit WRITE = 1;
Select Coding, Range, SE/FDN,
WEAK/TRIN and Power Mode
Use ADDR3:ADDR0 (see Table 5 on page 14)
for Channel Counter Conversion*
Bit SEQ = 1, Bit SHADOW = 1
Bit WRITE = 1, Bit SEQ = 1, Bit SHADOW = 0
Bit WRITE = 0
DOUT: Conversion Result from pre-
viously selected Channel
Continuously Convert the Selected
Sequence of
Channels and Allow Changes to
Control Register
without Conversion Interruption
DOUT: Conversion Result from previously
selected Channel
Continuously Convert Consecutive
Sequence of
Channels from Channel 0 up to and includ-
ing Previously
Selected ADDR3:ADDR0 in the Control
Register
Bit WRITE = 1,
Bit SEQ = 1,
Bit SHADOW = 0
Bit WRITE = 0
Bit WRITE = 0
Bit WRITE = 1
Bit SEQ = 1
Bit SHADOW = 0
Exit this flow whenever WRITE = 1 and NOT (SEQ = 1, SHADOW = 0)
CSN Falling
Edge
CSN Falling
Edge
*The binary selected channel number
will determine the last channel used for
conversion. e.g.: 0101 = 5 => channel
0:5 will be used for conversion.
2
5
4
3
6
12
14
1
15
16
DB2
DB1
DB0
tCONVERT
DB10
DB11
ADDR0
ADDR1
ADDR2
Tri-State
tDOD
tCH
tDOH
tDOV
tCL
SCLK
CSN
DOUT
DIN
Tri-State
tCSDOE
tDS
tDH
tCSS
tCSH
ADDR3
4 ID Bits
tCSDOV
B
tQUIET
ADDR3
ADDR2
ADDR1
ADDR0
SEQ
WRITE
DC
DC = Don’t Care
DC
DC
DB3
SE/FDN
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com