Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 12 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 12 Page - ams AG

Back Button AS1543 Datasheet HTML 8Page - ams AG AS1543 Datasheet HTML 9Page - ams AG AS1543 Datasheet HTML 10Page - ams AG AS1543 Datasheet HTML 11Page - ams AG AS1543 Datasheet HTML 12Page - ams AG AS1543 Datasheet HTML 13Page - ams AG AS1543 Datasheet HTML 14Page - ams AG AS1543 Datasheet HTML 15Page - ams AG AS1543 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1543/44 is a fast, 8/4-channel, 12-bit, single-supply, A/D converter, which can be operated from a 2.7 to 5.25V
supply. The AS1543/44 is capable of throughput rates of up to 1Msps when provided with a 20MHz clock. The
AS1543/44 features on-chip track/hold, A/D converter, sequencer and a serial interface in a TQFN(4x4)-20 package.
The AS1543/44 has 8/4 single-ended or 4/2 fully-differential input channels with a channel sequencer, allowing the
selection of the sequence of channels the ADC can cycle through on (each consecutive CSN falling edge). The serial
clock input accesses data from the AS1543/44, controls the transfer of data written to the ADC, and provides the clock
source for the successive-approximation A/D converter.
The analog input range for the AS1543/44 is [0 to VREFIN] or [0V to 2 x VREFIN] for 8/4 single ended input channels or
[-VREFIN/2 to +VREFIN/2] or [-VREFIN to +VREFIN] for 4/2 fully differential input channels depending on the setting of bit
RANGE (page 14) and SE/FDN (page 14). For the [0V to 2 x VREFIN] mode, the device must be operated from a 4.75
to 5.25V supply.
The AS1543/44 provides flexible power management options (see bits PM1, PM0 (page 14) of the control register) for
the best power performance for a given throughput rate.
Converter Operation
The AS1543/44 is a 12-bit successive approximation analog-to-digital converter based around a capacitive DAC. The
AS1543/44 can convert analog input signals in the range [0V to VREFIN] or [0V to 2 x VREFIN] or
[-VREFIN/2 to +VREFIN/2] or [-VREFIN to +VREFIN] .
Figure 21 and Figure 22 show simplified diagrams of the ADC operation. The ADC circuitry is made up of control logic,
SAR, and a capacitive DAC, which are used to redistribute fixed amounts of charge with the capacitive DAC to bring
the comparator back into a balanced condition. Figure 21 shows the ADC during its acquisition phase. Sample switch
and input switch are closed. The comparator is held in a balanced condition and the sampling capacitors CHOLD
acquires the signal on the selected VINx channel.
Figure 21. Data Acquisition
When a conversion is started (see Figure 22), sample switch and input switch opens causing the comparator to
become unbalanced. The control logic and the capacitive DAC are used to redistribute fixed amounts of charge from
the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is re-balanced,
the conversion is complete. Control logic generates the ADC output code.
See page 16 for the ADC transfer functions.
+
–
+
Comparator
RIN
CSWITCH
11pF
CHOLD
13pF
–
CH0
CH1
CH2
CH3
CH4
CH5
CH7
AGND
REFIN
AIN+
CSWITCH
11pF
+
CHOLD
13pF
–
Sample
Switch
CSWITCH includes all parasitics
Analog Input
Multiplexer
AIN-
Input
Switch
Input
Switch
AGND
S&H and capacitive DAC
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com