Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 5 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 5 Page - ams AG

  AS1543 Datasheet HTML 1Page - ams AG AS1543 Datasheet HTML 2Page - ams AG AS1543 Datasheet HTML 3Page - ams AG AS1543 Datasheet HTML 4Page - ams AG AS1543 Datasheet HTML 5Page - ams AG AS1543 Datasheet HTML 6Page - ams AG AS1543 Datasheet HTML 7Page - ams AG AS1543 Datasheet HTML 8Page - ams AG AS1543 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 29
AS1543/44
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = VDRIVE = 2.7 to 5.25V, REFIN = 2.5V, fSCLK = 20MHz (50% Duty cycle), VCMIN = VREFIN/2 (when SE/FDN = 0),
TAMB = -40 to +85°C. Typical values at TAMB = +25°C and VDD = VDRIVE = 5.25V (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DC Accuracy
Resolution
12
Bits
INL
Integral Nonlinearity
±1
LSB
DNL
Differential Nonlinearity
Straight Binary Output Coding;
Guaranteed No Missed Codes to 12 Bits
-0.95
+1.2
LSB
Offset Error
Bit SE/FDN = 1,
bit CODING = 1
Bit RANGE = 1
±4
LSB
Offset Error Match
±0.5
LSB
Gain Error
±4
LSB
Gain Error Match
±0.6
LSB
Offset Error
Bit RANGE = 0
±4
LSB
Offset Error Match
±0.5
LSB
Gain Error
±4
LSB
Gain Error Match
±0.6
LSB
Zero Code Error
Bit SE/FDN = 0,
bit CODING = 0
Bit RANGE = 1
±0.6
±4
LSB
Zero Code Error Match
±0.5
LSB
Gain Error
±4
LSB
Gain Error Match
±0.5
LSB
Zero Code Error
Bit RANGE = 0
±0.6
±4
LSB
Zero Code Error Match
±0.5
LSB
Gain Error
±4
LSB
Gain Error Match
±0.5
LSB
Dynamic Specifications 50kHz sinewave input
SINAD
Signal to Noise +
Distortion Ratio
Bit RANGE = 1,
bit SE/FDN = 1
71.2
dB
SNR
Signal-to-Noise Ratio
71.8
dB
THD
Total Harmonic Distortion
-82
dB
SFDR
Spurious-Free Dynamic
Range
84
dB
SINAD
Signal to Noise +
Distortion
Bit RANGE = 0,
bit SE/FDN = 0,
bit CODING = 0
68
71
dB
SNR
Signal-to-Noise Ratio
68.5
71.5
dB
THD
Total Harmonic Distortion
-83
-71
dB
SFDR
Spurious-Free Dynamic
Range
73
85
dB
IMD
Intermodulation Distortion
fA = 40.1kHz,
fB = 41.5kHz
Second Order Terms
-83
dB
Third Order Terms
-91
Channel-to-Channel
Isolation
fIN = 400kHz
-79
dB
Full Power Bandwidth
@ 3dB
35
MHz
@ 0.1dB
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com