Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 24 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 24 Page - ams AG

Back Button AS1543 Datasheet HTML 20Page - ams AG AS1543 Datasheet HTML 21Page - ams AG AS1543 Datasheet HTML 22Page - ams AG AS1543 Datasheet HTML 23Page - ams AG AS1543 Datasheet HTML 24Page - ams AG AS1543 Datasheet HTML 25Page - ams AG AS1543 Datasheet HTML 26Page - ams AG AS1543 Datasheet HTML 27Page - ams AG AS1543 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
24 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
The Power vs. Throughput Rate graph in the Typical Operating Characteristics section shows the power vs. through-
put rate when using the auto shutdown mode and auto standby mode with 5V supplies (similar power calculations can
be done at 3V, althought the power is decreased even more when using 3V supplies).
VDRIVE
VDRIVE controls the serial interface voltage. VDRIVE allows easy interface to 3V and 5V processors. For example, if the
AS1543/44 were operated with a VDD of 5V, pin VDRIVE could be powered from a 3V supply. The AS1543/44 has better
dynamic performance with a VDD of 5V while still being able to interface to 3V processors.
Note: VDRIVE must not exceed VDD by more than 0.3V (see Absolute Maximum Ratings on page 4)
External Reference
An external reference source should be connected directly to the pin VREFIN of the AS1543/44. The external reference
voltage can reach from 1V to VDD. The correlation between performance of the AS1543/44 and the reference voltage
is shown in Figure 9 on page 9. However for specified performance the reference voltage has to stay at 2.5V ±1%. The
analog input range depends on VREFIN and the setting of bit RANGE and bit SE/FDN of the control register (see Ana-
log Input Configuration on page 15). Errors in the reference source will result in gain errors in the AS1543/44 transfer
function and will add to the specified full scale errors of the device.
Note: A capacitor of at least 0.1µF should be placed on pin REFIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com