Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 15 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 15 Page - ams AG

Back Button AS1543 Datasheet HTML 11Page - ams AG AS1543 Datasheet HTML 12Page - ams AG AS1543 Datasheet HTML 13Page - ams AG AS1543 Datasheet HTML 14Page - ams AG AS1543 Datasheet HTML 15Page - ams AG AS1543 Datasheet HTML 16Page - ams AG AS1543 Datasheet HTML 17Page - ams AG AS1543 Datasheet HTML 18Page - ams AG AS1543 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
15 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
Analog Input Configuration
Note: If bit RANGE = 0 and bit SE/FDN =1 VDD must be at least two times larger than VREFIN.
Input Channel Selection
The input channels for conversion are selected using control register bits ADDR3:ADDR0 and bit SE/FDN.
Table 7. Analog Input Configuration via bits RANGE and SE/FDN
Analog Input Configuration
RANGE
SE/FDN
Comments
8/4-channel single-ended
11
VINx from [0V to VREFIN]
01
VINx from [0V to 2xVREFIN]
4/2-channel fully-differential
10
VINx - VINy from [-VREFIN/2 to +VREFIN/2]
00
VINx - VINy from [-VREFIN to +VREFIN]
Table 8. Channel Selection via Bits ADDR3:ADDR0 and SE/FDN, AS1544
ADDR3
ADDR2
ADDR1
ADDR0
Analog Input Channel
SE/FDN = 1
(Single-Ended)
Analog Input Channel
SE/FDN = 0
(Fully-Differential)
XX
0
0
VIN0
VIN0 - VIN1
XX
0
1
VIN1
VIN1 - VIN0
XX
1
0
VIN2
VIN2 - VIN3
XX
1
1
VIN3
VIN3 - VIN2
Table 9. Channel Selection via Bits ADDR3:ADDR0 and SE/FDN, AS1543
ADDR3
ADDR2
ADDR1
ADDR0
Analog Input Channel
SE/FDN = 1
(Single-Ended)
Analog Input Channel
SE/FDN = 0
(Fully-Differential)
X0
0
0
VIN0
VIN0 - VIN1
X0
0
1
VIN1
VIN1 - VIN0
X0
1
0
VIN2
VIN2 - VIN3
X0
1
1
VIN3
VIN3 - VIN2
X1
0
0
VIN4
VIN4 - VIN5
X1
0
1
VIN5
VIN5 - VIN4
X1
1
0
VIN6
VIN6 - VIN7
X1
1
1
VIN7
VIN7 - VIN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com