Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1543 Datasheet(PDF) 13 Page - ams AG

Part # AS1543
Description  8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1543 Datasheet(HTML) 13 Page - ams AG

Back Button AS1543 Datasheet HTML 9Page - ams AG AS1543 Datasheet HTML 10Page - ams AG AS1543 Datasheet HTML 11Page - ams AG AS1543 Datasheet HTML 12Page - ams AG AS1543 Datasheet HTML 13Page - ams AG AS1543 Datasheet HTML 14Page - ams AG AS1543 Datasheet HTML 15Page - ams AG AS1543 Datasheet HTML 16Page - ams AG AS1543 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
13 - 29
AS1543/44
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 22. Data Conversion
Analog Input
Figure 23 shows an equivalent circuit of one analog input. The two diodes, D1 and D2, provide ESD protection for the
analog inputs. Care should be taken to ensure that the analog input signal never exceeds the supply rails by more than
300mV. This will cause these diodes to become forward biased and start conducting current into the substrate. 10mA
is the maximum current these diodes can conduct without causing irreversible damage to the AS1543/44.
Figure 23. Equivalent Analog Input Circuit
Capacitor C1 in Figure 23 is typically about 4pF and can primarily be attributed to pin capacitance. The resistor R1 is a
lumped component made up of the on-resistance of a switch (track/hold switch) and also includes the on-resistance of
the input multiplexer. The total resistance is typically about 400
Ω. Capacitor C2 is the ADC sampling capacitor and typ-
ically has a capacitance of 20pF.
Track/Hold
The Track/Hold stage enters hold mode on the falling edge of CSN. For AC applications, removing high frequency
components from the analog input signal is recommended by use of an R/C low-pass filter on the relevant analog input
pin. In applications where harmonic distortion and signal-to-noise ratio are critical, the analog input should be driven
from a low impedance source. Large source impedances will significantly affect the ac performance of the ADC. This
may necessitate the use of an input buffer amplifier. The choice of the op-amp will be a function of the particular appli-
cation.
When no amplifier is used to drive the analog input, the source impedance should be limited to low values. The maxi-
mum source impedance will depend on the amount of total harmonic distortion that can be tolerated. The THD will
increase as the source impedance increases, and performance will degrade (see Figure 13 on page 10).
+
+
Comparator
RIN
CSWITCH
11pF
CHOLD
13pF
CH0
CH1
CH2
CH3
CH4
CH5
CH7
AGND
REFIN
AIN+
CSWITCH
11pF
+
CHOLD
13pF
Sample
Switch
CSWITCH includes all parasitics
Analog Input
Multiplexer
AIN-
Input
Switch
Input
Switch
AGND
S&H and capacitive DAC
Control
Logic
Open for Conversion;
Closed for Track
VINX
R1
C1
4pF
C2
20pF
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com