Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 14 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 14 Page - ams AG

Back Button AS3930 Datasheet HTML 10Page - ams AG AS3930 Datasheet HTML 11Page - ams AG AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
14 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
R1<2>
EN_PAT2
W
0
Double wakeup pattern correlation
R1<1>
EN_WPAT
W
1
Data correlation enable
R1<0>
EN_RTC
W
1
Crystal oscillator enable
R2<7>
S_ABSH
W
0
Data slicer threshold reduction
R2<6:5>
W_PAT
W
00
Pattern correlation tolerance (see Table 19)
R2<4:2>
000
Reserved
R2<1:0>
S_WU1
W
00
Tolerance setting for the stage wakeup (see Table 13)
R3<7>
HY_20m
W
0
Data slicer hysteresis
if HY_20m = 0 then comparator hysteresis = 40mV
if HY_20m = 1 then comparator hysteresis = 20mV
R3<6>
HY_POS
W
0
Data slicer hysteresis only on positive edges (HY_POS=0, hysteresis on both
edges, HY_POS=1, hysteresis only on positive edges)
R3<5:3>
FS_SCL
W
100
Data slices time constant (see Table 17)
R3<2:0>
FS_ENV
W
000
Envelop detector time constant (see Table 16)
R4<7:6>
T_OFF
W
00
Off time in ON/OFF operation mode
T_OFF=00
1ms
T_OFF=01
2ms
T_OFF=10
4ms
T_OFF=11
8ms
R4<5:4>
D_RES
W
01
Antenna damping resistor (see Table 15)
R4<3:0>
GR
W
0000
Gain reduction (see Table 14)
R5<7:0>
TS2
W
01101001
2
nd Byte of wakeup pattern
R6<7:0>
TS1
W
10010110
1
st Byte of wakeup pattern
R7<7:5>
T_OUT
W
000
Automatic time-out (see Table 20)
R7<4:0>
T_HBIT
W
01011
Bit rate definition (see Table 18)
R8<2:0>
T_AUTO
W
000
Artificial wake-up
T_AUTO=000
No artificial wake-up
T_AUTO=001
1 sec
T_AUTO=010
5 sec
T_AUTO=011
20 sec
T_AUTO=100
2 min
T_AUTO=101
15min
T_AUTO=110
1 hour
T_AUTO=111
2 hour
R9<6:0>
000000
Reserved
R10<4:0>
RSSI
R
RSSI channel
R11<4:0>
Reserved
Table 7. Default Values of Registers
Register
Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com