Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 16 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 16 Page - ams AG

Back Button AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
16 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
The last 8 bits are the data that has to be written respectively read. A CS toggle high-low-high terminates the command mode.
If a direct command is sent (B15-B14=11) the bits from B13 to B9 defines the direct command while the last 8 bits are omitted. The Table 12
shows all possible direct commands:
All direct commands are explained below:
- clear_wake: clears the wake state of the chip. In case the chip has woken up (WAKE pin is high) the chip is set back to listening mode
- reset_RSSI: resets the RSSI measurement.
- trim_osc: starts the trimming procedure of the internal RC oscillator (see Figure 21)
- clear_false: resets the false wakeup register (R13=00)
- preset_default: sets all register in the default mode, as shown in Figure 7
Note:
In order to get the AS3930 work properly after sending the preset_default direct command, it is mandatory to write the R0<3:2>=00
Writing of Data to Addressable Registers (WRITE Mode)
The SDI is sampled at the falling edge of CLK (as shown in the following diagrams).
A CS toggling high-low-high indicates the end of the WRITE command after register has been written. The following example shows a write
command.
000
100
R4
000
101
R5
000
110
R6
000
111
R7
001
000
R8
001
001
R9
001
010
R10
001
011
R11
001
100
R12
001
101
R13
Table 12. List of Direct Commands
COMMAND_MODE
B13
B12
B11
B10
B9
B8
clear_wake
0
00000
reset_RSSI
0
00001
trim_osc
0
00010
clear_false
0
00011
preset_default
0
00100
Table 11. SDI Command Structure
B13
B12
B11
B10
B9
B8
Read/Write register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com