Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 20 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 20 Page - ams AG

Back Button AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG AS3930 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
20 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
If the bit rate gets higher, the time constant in the envelop detector must be set to a smaller value, this means that higher noise is injected
because of the wider band. The next table is a rough indication of how the envelop detector looks like for different bit rates. By using proper data
slicer settings it is possible to improve the noise immunity paying the penalty of a longer preamble. In fact if the data slicer has a bigger time
constant it is possible to reject more noise, but every time a transmission occurs, the data slicer need time to settle. This settling time will
influence the length of the preamble. Table 17 gives a correlation between data slicer setup and minimum required preamble length.
Note:
These times are minimum required, but it is recommended to prolong the preamble.
The comparator of the data slicer can work only with positive or with symmetrical threshold (R3<6>). In addition the threshold can be 20 or 40 mV
(R3<7>)
In case the length of the preamble is an issue the data slicer can also work with an absolute threshold (R1<7>). In this case the bits R3<2:0>
would not influence the performance. It is even possible to reduce the absolute threshold in case the environment is not particularly noisy
(R2<7>).
8.6 Correlator
After frequency detection the data correlation is only performed if the correlator is enabled (R1<1>=1).
The data correlation consists of checking the presence of a preamble (ON/OFF modulated carrier) followed by a certain pattern.
After the frequency detection the correlator waits 16 bits (see bit rate definition in Table 18) and if no preamble is detected the chip is set back to
listening mode and the false-wakeup register (R13<7:0>) is incremented by one.
To get started with the pattern correlation the correlator needs to detect at least 4 bits of the preamble (ON/OFF modulated carrier).
The bit duration is defined in the register R7<4:0> according to the Table 18 as function of the Real Time Clock (RTC) periods.
Table 17. Bit setup for Data Slicer for Different Preamble Length
R3<5>
R3<4>
R3<3>
Minimum preamble length [ms]
00
0
0.8
00
1
1.15
01
0
1.55
01
1
1.9
10
0
2.3
10
1
2.65
11
0
3
11
1
3.5
Table 18. Bit Rate Setup
R7<4>
R7<3>
R7<2>
R7<1>
R7<0>
Bit duration in RTC
clock periods
Bit rate (bits/s)
Symbol rate (Manchester
symbols/s)
0
0
0
1
1
4
8192
4096
0
0
1
0
0
5
6552
3276
0
0
1
0
1
6
5460
2730
0
0
1
1
0
7
4680
2340
0
0
1
1
1
8
4096
2048
0
1
0
0
0
9
3640
1820
0
1
0
0
1
10
3276
1638
0
1
0
1
0
11
2978
1489
0
1
0
1
1
12
2730
1365
0
1
1
0
0
13
2520
1260
0
1
1
0
1
14
2340
1170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com