Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 23 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 23 Page - ams AG

Back Button AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG AS3930 Datasheet HTML 24Page - ams AG AS3930 Datasheet HTML 25Page - ams AG AS3930 Datasheet HTML 26Page - ams AG AS3930 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
23 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.7 Wakeup Protocol - Carrier Frequency 125 kHz
8.7.1 Without pattern detection (Manchester decoder disabled)
Figure 17. Wakeup Protocol Overview without Pattern Detection (only carrier frequency detection, Manchester decoder disabled)
In case the data correlation is disabled (R1<1>=0) the AS3930 wakes up upon detection of the carrier frequency only as shown in Figure 17. In
order to ensure that AS3930 wakes up the carrier burst has to last longer than 550 µs. To set AS3930 back to listening mode there are two
possibilities: either the microcontroller sends the direct command clear_wake via SDI or the time out option is used (R7<7:5>). In case the latter
is chosen,AS3930is automatically set to listening mode after the time defined in T_OUT (R7<7:5>), counting starts at the low-to-high WAKE
edge on the WAKE pin.
8.7.2 Single Pattern Detection (Manchester decoder disabled)
The Figure 18 shows the wakeup protocol in case the pattern correlation is enabled (R1<1>=1) for a 125 kHz carrier frequency. The initial carrier
burst has to be longer than 550 µs and can last maximum 16 bits (see bit rate definition in Table 18). If the ON/OFF mode is used (R1<5>=1), the
minimum value of the maximum carrier burst duration is limited to 10 ms. This is summarized in Table 21. In case the carrier burst is too long the
internal wakeup will be set back to low and the false wakeup counter (R13<7:0>) will be incremented by one.
The carrier burst must be followed by a preamble (0101... modulated carrier with a bit duration defined in Table 18) and the wakeup pattern
stored in the registers R5<7:0> and R6<7:0>. The preamble must have at least 4 bits and the preamble duration together with the pattern should
not be longer than 40 bits. If the wakeup pattern is correct the signal on the WAKE pin is set to high and the data transmission can get started. To
set the chip back to listening mode the direct command clear_false, as well as the time out option (R7<7:5>) can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com