Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 29 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 29 Page - ams AG

Back Button AS3930 Datasheet HTML 25Page - ams AG AS3930 Datasheet HTML 26Page - ams AG AS3930 Datasheet HTML 27Page - ams AG AS3930 Datasheet HTML 28Page - ams AG AS3930 Datasheet HTML 29Page - ams AG AS3930 Datasheet HTML 30Page - ams AG AS3930 Datasheet HTML 31Page - ams AG AS3930 Datasheet HTML 32Page - ams AG AS3930 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
29 - 33
AS3930
Data Sheet - P a c k age Drawings a nd M a rkings
9 Package Drawings and Markings
The product is available in 16 pin TSSOP and QFN 4x4 16 LD packages.
Figure 22. Package Diagram 16 pin TSSOP
Table 25. Package Dimensions 16 pin TSSOP
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
1.10
E
6.40 BSC
A1
0.05
0.15
L
0.50
0.60
0.70
A2
0.85
0.90
0.95
a
0º
4º
8º
aaa
0.076
N, P, P1
See Variations
b
0.19
-
0.30
Variations:
b1
0.19
0.22
0.25
D
P
P1
N
bbb
0.10
AA/AAT
2.90
3.00
3.10
1.59
3.2
8
C
0.09
-
0.20
AB-1/ABT-1
4.90
5.00
5.10
3.1
3.0
14
C1
0.09
0.127
0.16
AB/ABT
4.90
5.00
5.10
3.0
3.0
16
D
See Variations
AC/ACT
6.40
6.50
6.60
4.2
3.0
20
E1
4.30
4.40
4.50
AD/ADT
7.70
7.80
7.90
5.5
3.2
24
e
0.65 BSC
AE/AET
9.60
9.70
9.80
5.5
3.0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com